Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M3V65T1CJ-R

  • AI
    The **M3V65T1CJ-R** is a specific part number typically associated with high-performance **Aluminum Electrolytic Capacitors**, specifically from the **M3V series** produced by manufacturers like **Lelon** or similar regional electronic component brands. This component is a **Surface Mount Device (SMD)** designed for high-reliability applications requiring low impedance and high temperature tolerance. --- ### 1. Key Technical Specifications Below is a breakdown of the typical technical parameters for this part: | Parameter | Specification | Details | | :--- | :--- | :--- | | **Capacitance** | 100 µF (Typical) | Bulk energy storage capacity | | **Voltage (WV)** | 6.3V to 50V | Common range for the M3V series | | **Tolerance** | ±20% (M) | Standard industry tolerance | | **Mounting Type** | SMD (V-Chip) | Vertical surface mount package | | **Temperature** | -55°C to +105°C | High-temperature reliability | | **Impedance** | Low Impedance | Designed for noise filtering/switching power | | **Endurance** | 2000 to 5000 hours | Rated life at maximum temperature | --- ### 2. Physical Construction and "V-Chip" Design The **M3V** series belongs to the "V-Chip" family of capacitors. Unlike through-hole radial capacitors, these have a flat plastic base: 1. **Aluminum Can:** Contains the electrolyte and foil layers. 2. **Plastic Base (Platform):** Ensures stability during the Reflow Soldering process. 3. **Lead Terminals:** Folded underneath the base for surface mounting on a PCB. 4. **Anti-Vibration (Optional):** Some variants include additional side-walls for high-vibration environments (often indicated by specific suffixes). --- ### 3. Application Use-Cases The M3V65T1CJ-R is commonly found in the following electronic circuits: * **DC-DC Converters:** Used for smoothing output voltage ripples. * **Motherboards & Peripherals:** Filtering high-frequency noise in digital circuits. * **Automotive Electronics:** Often used in infotainment or body control modules due to the 105°C rating. * **Telecommunications:** Power management in routers and base stations. --- ### 4. Part Number Decoding (Typical) While naming conventions vary slightly by manufacturer, the code usually breaks down as follows: * **M3V:** Series identifier (Low Impedance, 105°C, SMD). * **65:** Often refers to the Case Size (e.g., 6.3mm x 5.4mm or similar). * **T1:** Packaging code (e.g., Tape & Reel). * **CJ:** Internal manufacturing/dielectric code. * **-R:** RoHS Compliant / Lead-Free. ---
    ✨ Follow-up Questions
    • ⤷What are the equivalent alternative part numbers from brands like Nichicon or Panasonic?
    • ⤷ How does the 'Low Impedance' feature benefit power supply design?
    • ⤷ What is the recommended reflow soldering profile for this SMD capacitor?