Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M4034-S08-R

  • AI
    ## Analysis of the M4034-S08-R Electronic Component The **M4034-S08-R** is typically a specialized semiconductor device, most commonly identified as a **High-Side Power Switch** or a specific **MOSFET/Transistor configuration** used in power management. Based on standard industry naming conventions (often associated with manufacturers like UTC or similar vendors), here is the breakdown of its technical characteristics. --- ### 1. General Specifications The device is designed to control electrical loads, often featuring built-in protections for industrial or automotive applications. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | P-Channel / N-Channel Enhancement Mode MOSFET (or Power Switch) | | **Package Type** | SOP-8 (Surface Mount Device) | | **Pin Count** | 8 Pins | | **RoHS Status** | Compliant (Lead-Free) | | **Typical Application** | Power Distribution, Load Switching, DC-DC Converters | --- ### 2. Part Number Breakdown Understanding the suffix and prefix helps in identifying the exact physical and chemical properties: * **M4034**: The base model number defining the electrical characteristics (Voltage, Current, Rds(on)). * **S08**: Indicates the **SOP-8** (Small Outline Package) housing. * **R**: Indicates the packaging method, usually **Tape & Reel** for automated assembly. --- ### 3. Pin Configuration (SOP-8) In a standard SOP-8 power MOSFET or switch configuration, the pins are generally assigned as follows: | Pin Number | Function | Description | | :--- | :--- | :--- | | 1, 2, 3 | **Source (S)** | The terminal where current enters (for P-channel). | | 4 | **Gate (G)** | The control terminal that triggers the switch. | | 5, 6, 7, 8 | **Drain (D)** | The terminal connected to the load; usually grouped for heat dissipation. | --- ### 4. Key Electrical Features 1. **Low On-Resistance ($R_{DS(ON)}$):** Minimizes power loss and heat generation during operation. 2. **High Switching Speed:** Allows for efficient use in PWM (Pulse Width Modulation) circuits. 3. **Logic Level Drive:** Can often be triggered directly by microcontrollers (3.3V or 5V logic). --- ### 5. Common Applications * **Battery Protection:** Disconnecting the battery in case of over-discharge. * **Backlight Inverters:** Used in LCD/LED screens. * **Motor Control:** Small DC motor drivers for consumer electronics. * **Power Management:** Switching between different power rails (e.g., USB vs. Battery). ---
    ✨ Follow-up Questions
    • ⤷ What are the maximum voltage (Vds) and current (Id) ratings for the M4034?
    • ⤷ Is the M4034-S08-R a single or dual MOSFET configuration?
    • ⤷ What are the recommended heat sinking strategies for an SOP-8 power component?