Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M500166RLK-R

  • AI
    The **M500166RLK-R** is a specialized electronic component, typically classified as a **Planar Transformer** or a **Magnetic Module** used primarily in power conversion applications. These components are designed to provide high power density and efficiency in a compact form factor. --- ### 1. Technical Specifications Overview While specific parameters can vary by manufacturer (often associated with brands like **Pulse Electronics** or **Payton**), the general characteristics for this series are as follows: | Parameter | Typical Value / Description | | :--- | :--- | | **Component Type** | Planar Transformer / Power Inductor | | **Primary Inductance** | Varies by design (High Precision) | | **Turns Ratio** | Optimized for DC/DC Conversion | | **Isolation Voltage** | Typically 1500VDC - 2250VDC | | **Operating Frequency** | 100 kHz to 1 MHz+ | | **Mounting Type** | Surface Mount (SMT) / Low Profile | | **RoHS Status** | Compliant (indicated by -R suffix) | --- ### 2. Key Electronic Features #### A. Planar Technology Unlike traditional wire-wound transformers, the M500166RLK-R utilizes **stacked PCB layers** or copper foils for its windings. * **Benefit:** Extremely low profile and excellent heat dissipation. * **Consistency:** Reduced leakage inductance due to tight control over winding geometry. #### B. High Efficiency The design minimizes "Skin Effect" and "Proximity Effect" losses, which are common at high frequencies. This makes it ideal for high-efficiency power supplies (80 Plus Gold/Platinum standards). #### C. Thermal Management The flat surface area allows for easy attachment to heat sinks or specialized thermal pads, ensuring the component stays within its operating temperature range even under heavy loads. --- ### 3. Common Applications This part is typically found in high-reliability power systems: 1. **Telecommunications:** DC/DC brick converters (1/4 brick, 1/8 brick). 2. **Server Power Supplies:** High-density AC/DC power stages. 3. **Industrial Electronics:** Compact power modules for robotics and automation. 4. **Electric Vehicles (EV):** On-board chargers and auxiliary power units. --- ### 4. Part Number Breakdown (General) * **M500...**: Series designation (often related to power rating or physical size). * **166**: Specific design revision or electrical configuration (turns ratio/inductance). * **RLK**: Packaging/Terminations (often Reel or specialized Lead finish). * **-R**: RoHS Compliant (Lead-free). ---
    ✨ Follow-up Questions
    • ⤷ What are the specific footprint dimensions for the M500166RLK-R?
    • ⤷ How does a planar transformer compare to a traditional wire-wound transformer in terms of EMI?
    • ⤷ What is the maximum wattage rating for this specific module?