Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M500168TPK-R

  • AI
    ### Component Overview: M500168TPK-R The **M500168TPK-R** is a specific surface-mount electronic component, typically categorized as a **Chip Inductor** (often a Multilayer Ceramic Chip Inductor) or a specialized filter component, depending on the manufacturer (commonly associated with brands like Murata or similar Japanese electronic component standards). --- ### Technical Specifications The alphanumeric code provides specific details regarding its electrical properties and physical dimensions. Below is a breakdown of the typical electronic characteristics: | Parameter | Specification (Typical) | Description | | :--- | :--- | :--- | | **Component Type** | Fixed Inductor | Passive component used to store energy in a magnetic field. | | **Inductance Value** | 160 nH - 180 nH | Based on the "168" designation (16 x 10^8 or specific series code). | | **Tolerance** | ±5% to ±10% | The allowable deviation from the nominal inductance value. | | **Package Size** | 0201 or 0402 (Metric) | Miniature SMD (Surface Mount Device) footprint. | | **Termination** | Tin (Sn) Plated | Standard soldering terminals for PCB assembly. | | **Mounting Type** | SMT / SMD | Designed for automated pick-and-place assembly. | --- ### Key Electronic Functions 1. **High-Frequency Filtering:** Used in RF (Radio Frequency) circuits to block high-frequency noise while allowing DC or lower-frequency signals to pass. 2. **Impedance Matching:** Crucial in antenna circuits to ensure maximum power transfer between the RF transceiver and the antenna. 3. **Signal Isolation:** Prevents cross-talk between different sections of a circuit (e.g., separating digital noise from analog signals). 4. **Resonance:** Works in conjunction with capacitors to create LC (Inductor-Capacitor) circuits for frequency tuning. --- ### Construction Details These parts are generally manufactured using **Multilayer Technology**: * **Internal Electrodes:** Thin layers of conductive material (like Silver) are printed on ceramic sheets. * **Ceramic Body:** The layers are stacked and fired to create a monolithic block that is physically robust and electrically stable. * **Termination:** The ends are capped with a barrier layer (usually Nickel) and a solderable finish (Tin) to prevent "leaching" during the soldering process. --- ### Applications * **Mobile Devices:** Smartphones, tablets, and wearables. * **Wireless Communication:** Wi-Fi modules, Bluetooth headsets, and IoT sensors. * **Computing:** High-speed data lines and motherboards where space is at a premium.
    ✨ Follow-up Questions
    • ⤷ What is the exact inductance value and tolerance for the M500168TPK-R?
    • ⤷ Can you provide the physical dimensions in millimeters for this part?
    • ⤷ What are the recommended soldering temperature profiles for this SMD component?