Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M500178RLK-R

  • AI
    The **M500178RLK-R** is a specialized electronic component, typically categorized as a high-performance **Magnetic Module** or **Discrete Transformer**, often used in telecommunications and networking hardware. --- ## 1. Component Overview This part is a magnetic interface module designed to provide galvanic isolation and signal conditioning between a Physical Layer (PHY) chip and a network interface (like an RJ45 port). ### Technical Specifications | Parameter | Description | | :--- | :--- | | **Component Type** | Magnetic Transformer Module | | **Configuration** | Quad Port (Commonly) / Multi-channel | | **Application** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Isolation Voltage** | 1500 Vrms (Minimum) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **RoHS Status** | Compliant (indicated by 'R' suffix) | --- ## 2. Key Electronic Functions The M500178RLK-R performs several critical roles within a circuit: 1. **Isolation:** It protects sensitive ICs from high-voltage transients on the network cable (static electricity, lightning surges). 2. **Impedance Matching:** Ensures the signal integrity between the 100-ohm twisted pair cable and the internal circuitry. 3. **Common Mode Rejection (CMR):** Uses internal chokes to filter out electromagnetic interference (EMI) and noise. 4. **Signal Transmission:** Facilitates the clean transfer of high-speed data pulses with minimal distortion. --- ## 3. Typical Internal Circuitry Inside the plastic housing, the component contains several miniature wire-wound toroids. A simplified representation of one channel would look like this: ```text [PHY Side] ----+ (Tx) +---- [Transformer] ----+ (Line) +---- [RJ45] | (CT) | | (CT) | + (Tx) +---- [Common Choke] ---+ (Line) + ``` --- ## 4. Part Number Breakdown (Typical) While naming conventions vary by manufacturer (often associated with brands like **Bothhand** or **Link-PP**), the suffixing usually indicates: * **RLK:** Designates specific internal schematics or pinouts. * **-R:** Generally stands for **RoHS Compliant** or **Tape & Reel** packaging.
    ✨ Follow-up Questions
    • ⤷ What are the typical footprints or dimensions for this SMD module?
    • ⤷ Can this part be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the common alternatives or equivalents for this transformer?