Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M5PT-54-R

  • AI
    The **M5PT-54-R** is a high-performance, shielded power inductor manufactured by **Coiltronics (now part of Eaton)**. It is specifically designed for high-density power conversion applications, often found in automotive and industrial electronics. --- ## 1. Technical Specifications The following table summarizes the key electrical and physical characteristics typical for the M5PT series: | Property | Description / Value | | :--- | :--- | | **Inductance** | 0.54 µH (Typical) | | **Current Rating (Isat)** | High Saturation Current (typically >50A) | | **DCR (DC Resistance)** | Ultra-low (measured in mΩ) | | **Core Material** | Powdered Iron / Metal Composite | | **Shielding** | Magnetically Shielded (Low EMI) | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Operating Temp** | -40°C to +125°C (including self-heating) | --- ## 2. Key Electronic Features ### A. Low Core Loss The device uses a specialized metal powder core material. This minimizes eddy current losses even at high switching frequencies (up to 2 MHz or more), which is essential for modern DC-DC converters. ### B. Soft Saturation Unlike ferrite inductors that drop inductance sharply when current limits are exceeded, the M5PT-54-R features **soft saturation**. This means the inductance decreases gradually, providing a safety margin for current spikes without causing circuit failure. ### C. EMI Suppression Because it is **magnetically shielded**, the magnetic flux is contained within the component. This prevents interference with neighboring sensitive components on the PCB, such as microcontrollers or RF modules. --- ## 3. Common Applications Due to its high current handling and small footprint, it is commonly used in: * **Multi-phase Buck Converters:** Used for powering CPUs and GPUs. * **Automotive Infotainment:** Powering screens and processors in vehicles. * **Voltage Regulator Modules (VRMs):** High-efficiency power stages for servers. * **Battery Powered Systems:** Where low DCR is required to maximize battery life. --- ## 4. Footprint and Soldering The "R" suffix usually denotes **RoHS compliance**. The part is designed for lead-free reflow soldering processes. When designing a PCB for this part, ensure wide copper traces are used to handle the high current and to act as a heat sink.
    ✨ Follow-up Questions
    • ⤷ What is the maximum saturation current for the M5PT-54-R?
    • ⤷ Can this inductor be used in AEC-Q200 automotive applications?
    • ⤷ How does the DCR of this model compare to standard ferrite inductors?