Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M5R16THJ-R

  • AI
    The **M5R16THJ-R** (often part of the M5R16 series by manufacturers like OKI or ROHM) is a specialized integrated circuit, typically categorized as a **Synchronous DRAM (SDRAM)** or a high-speed memory buffer chip used in legacy computing, networking equipment, and video processing. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Specifications This chip is designed for high-speed data storage and retrieval. Its architecture allows it to synchronize with the system clock, increasing efficiency compared to older asynchronous DRAM. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | SDRAM (Synchronous Dynamic RAM) | | **Organization** | Often 1M x 16-bit or 2M x 16-bit (Varies by suffix) | | **Voltage (Vcc)** | 3.3V (Standard for this generation) | | **Interface** | LVTTL Compatible | | **Package Type** | TSOP-II (Thin Small Outline Package) | | **Refresh Rate** | 4K Cycles / 64ms | --- ### 2. Key Internal Components The electronic functionality of the M5R16THJ-R is defined by its internal logic blocks: * **Clock Generator:** Synchronizes all input and output signals to the rising edge of the system clock. * **Bank Architecture:** Usually contains 2 to 4 internal banks. This allows for "interleaving," where one bank is pre-charging while another is being accessed, reducing latency. * **Mode Register:** A programmable internal register that allows the user to set Burst Length, Burst Type, and CAS Latency (usually 2 or 3). * **Sense Amplifiers:** Highly sensitive circuits that detect the tiny charges stored in the memory cells and amplify them to logic-level voltages. --- ### 3. Pinout and Signal Functions The TSOP package uses standard SDRAM pin assignments to ensure compatibility with memory controllers. | Pin Category | Name | Description | | :--- | :--- | :--- | | **Clock** | CLK / CKE | Master clock input and Clock Enable for power-saving modes. | | **Control** | /CS, /RAS, /CAS, /WE | Command inputs (Chip Select, Row/Column Address Strobe, Write Enable). | | **Address** | A0 - A11 | Multiplexed pins used to select rows and columns within the memory array. | | **Data I/O** | DQ0 - DQ15 | 16-bit wide data bus for bidirectional communication. | | **Data Mask** | LDM / UDM | Lower/Upper Byte Masking for partial data writes. | --- ### 4. Operational Modes The chip operates based on a specific command truth table: 1. **Active:** Opens a row in a particular bank. 2. **Read/Write:** Accesses the specific column address. 3. **Precharge:** Closes the open row in a bank to prepare for a new access. 4. **Auto-Refresh:** Maintains data integrity by periodically recharging the internal capacitors. --- ### 5. Common Applications Due to its 16-bit wide bus, this chip was frequently used in: * **Network Switches/Routers:** As a packet buffer. * **Digital TVs/Set-top Boxes:** For frame buffering. * **Hard Drive Controllers:** As cache memory.
    ✨ Follow-up Questions
    • ⤷ What is the maximum clock frequency supported by the M5R16THJ-R?
    • ⤷ How does the CAS latency setting affect the performance of this SDRAM?
    • ⤷ What are the common failure symptoms for this specific memory IC in vintage electronics?