Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M5R64RP-R

  • AI
    The **M5R64RP-R** is a specific electronic component, typically categorized as a **High-Current Power Inductor**. It is widely used in automotive, industrial, and high-performance computing power supplies. --- ### 1. Key Technical Specifications The part number follows a specific nomenclature that defines its electrical and physical properties: | Parameter | Value/Description | | :--- | :--- | | **Component Type** | Power Inductor (SMD) | | **Inductance** | 0.64 µH (indicated by "R64") | | **Tolerance** | ±20% (Typical for "M" prefix/suffix series) | | **Material** | Metal Alloy / Carbonyl Powder | | **Mounting Type** | Surface Mount (SMD) | | **Construction** | Shielded (Molded) | --- ### 2. Physical and Structural Design The "M5" in the prefix usually refers to the **5x5 mm** footprint size. These inductors are designed with a **molded construction**, which provides several advantages: * **Magnetic Shielding:** The magnetic field is contained within the body, reducing Electromagnetic Interference (EMI) with neighboring components. * **Low Acoustic Noise:** The molded body reduces the "buzzing" sound caused by magnetostriction. * **Ruggedness:** Excellent resistance to mechanical shock and vibration. --- ### 3. Electrical Characteristics The M5R64RP-R is optimized for high-efficiency power conversion. * **Low DCR (DC Resistance):** It uses flat wire or heavy-gauge copper to minimize energy loss as heat. * **High Saturation Current ($I_{sat}$):** Because it uses a metal alloy core rather than a traditional ferrite core, it exhibits a "soft saturation" curve, meaning the inductance drops gradually rather than abruptly as current increases. * **Frequency Range:** Optimized for high-frequency DC-DC converters (typically up to 5 MHz). --- ### 4. Typical Applications You will find this part in the following circuits: 1. **Point of Load (POL) Converters:** Providing stable voltage to CPUs, GPUs, and FPGAs. 2. **Automotive Electronics:** Infotainment systems and ADAS modules (often AEC-Q200 qualified variants). 3. **Battery Powered Devices:** Where high efficiency and small footprint are critical. --- ### 5. Code Example: Basic Buck Converter Calculation If using this inductor in a buck converter, you can calculate the peak current ($I_{peak}$) using this logic: ```python def calculate_peak_current(v_in, v_out, frequency, inductance, i_load): # Duty Cycle duty_cycle = v_out / v_in # Ripple Current (Delta I) delta_i = (v_in - v_out) * duty_cycle / (frequency * inductance) # Peak Current i_peak = i_load + (delta_i / 2) return i_peak # Example for a 12V to 3.3V converter at 500kHz with 0.64uH result = calculate_peak_current(12, 3.3, 500000, 0.64e-6, 5) print(f"Peak Current: {round(result, 2)} A") ```
    ✨ Follow-up Questions
    • ⤷ What is the saturation current rating for the M5R64RP-R?
    • ⤷ Are there AEC-Q200 qualified versions of this inductor?
    • ⤷ What are the footprint dimensions for an M5 series inductor?