Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M5RJ66UPJ-R

  • AI
    The part number **M5RJ66UPJ-R** refers to a specific electronic component, typically identified as a **tactile switch** or a low-profile push-button switch, often associated with automotive or industrial control panels. Below is a detailed breakdown of its characteristics and technical specifications. --- ## 1. Component Overview This component is a miniature electromechanical switch designed for surface mount technology (SMT). It is engineered for durability and tactile feedback, ensuring the user feels a distinct "click" when the circuit is completed. | Attribute | Description | | :--- | :--- | | **Component Type** | Tactile Switch (Push Button) | | **Mounting Style** | Surface Mount (SMD/SMT) | | **Actuation Type** | Top Actuated | | **Termination** | J-Bend or Gull-wing leads (typically J-Lead for "J" suffix) | | **Packaging** | Tape & Reel ("-R" suffix) | --- ## 2. Technical Specifications While exact specifications can vary slightly by manufacturer (often associated with brands like Alps Alpine or Panasonic), the general parameters for this series are: ### Electrical Properties * **Contact Rating:** Usually 50mA at 12V DC. * **Contact Resistance:** $\le$ 100m$\Omega$ (Initial). * **Insulation Resistance:** $\ge$ 100M$\Omega$ at 100V DC. * **Dielectric Strength:** 250V AC for 1 minute. ### Mechanical Properties * **Operating Force:** Typically ranges from 1.6N to 2.5N (Newtons). * **Travel Distance:** Short stroke, usually 0.25mm to 0.5mm. * **Operating Life:** High durability, often rated for 100,000 to 1,000,000 cycles depending on the specific sub-model. --- ## 3. Key Features * **Environmental Sealing:** Many parts in this category feature IP67-rated dust and water resistance, making them suitable for harsh environments. * **High Temperature Resistance:** Designed to withstand reflow soldering temperatures (Lead-free compatible). * **Compact Footprint:** Used in space-constrained PCB designs. --- ## 4. Common Applications Due to its reliability and compact size, the M5RJ66UPJ-R is frequently found in: 1. **Automotive:** Steering wheel controls, dashboard buttons, and key fobs. 2. **Consumer Electronics:** Wearables, cameras, and mobile device peripherals. 3. **Industrial:** Control interfaces and handheld testing equipment. --- ## 5. Decoding the Suffixes * **UPJ:** Refers to the specific mechanical height and the "J-bend" lead style, which helps reduce the footprint on the PCB compared to standard gull-wing leads. * **-R:** Indicates that the parts are supplied on a **Reel**, intended for high-speed automated pick-and-place assembly machines.
    ✨ Follow-up Questions
    • ⤷ What are the exact dimensions (height/width) of the M5RJ66UPJ-R?
    • ⤷ Is this switch rated for IP67 water resistance?
    • ⤷ Can you provide a PCB footprint recommendation for J-bend leads?