M5VF2-46-R
AI

The **M5VF2-46-R** is a high-performance, variable displacement axial piston motor designed primarily for mobile and industrial hydraulic applications. It is part of the M5 series developed by manufacturers like **Kawasaki** (and distributed via various global partners).
While primarily a mechanical-hydraulic component, its "Electronic Parts" refer to the **control system interface** that allows a computer or PLC to modulate the motor's performance.
---
### 1. Electronic Control Components
The "Electronic" side of this motor typically involves the **Proportional Control System**, which manages the displacement (swash plate angle).
| Component | Function | Description |
| :--- | :--- | :--- |
| **Proportional Solenoid** | Signal Conversion | Converts electrical current (usually 0-600mA or 0-1000mA) into a mechanical force to shift the control spool. |
| **Speed Sensor** | Monitoring | A magnetic pickup or Hall Effect sensor that tracks the RPM of the output shaft for closed-loop control. |
| **Pressure Transducer** | Feedback | (Optional/System level) Monitors the load pressure to allow the electronic controller to adjust displacement for constant power. |
---
### 2. Key Technical Specifications
The "46" in the part number typically refers to the maximum displacement (46 cm³/rev).
| Parameter | Value (Typical) |
| :--- | :--- |
| **Max Displacement** | 46 cm³/rev |
| **Rated Pressure** | 34.3 MPa (350 bar) |
| **Max Pressure** | 39.2 MPa (400 bar) |
| **Control Voltage** | 12V DC or 24V DC (Model dependent) |
| **Connector Type** | Usually Deutsch (DT04) or DIN 43650 |
---
### 3. Electronic Control Logic
The motor operates using two primary electronic control modes:
#### A. Two-Position Control (Electrical)
* **Mechanism:** A simple on/off solenoid.
* **Result:** Switches the motor between maximum displacement (high torque, low speed) and minimum displacement (low torque, high speed). Often called "Rabbit/Turtle" mode.
#### B. Proportional Displacement Control
* **Mechanism:** A proportional solenoid receives a variable PWM (Pulse Width Modulation) signal.
* **Result:** Allows for infinitely variable speed control regardless of the flow provided by the pump, enabling smooth acceleration and deceleration curves.
---
### 4. Typical Wiring and Signal Requirements
If you are integrating this into an electronic control unit (ECU):
* **PWM Frequency:** Usually recommended between **100Hz and 200Hz** to reduce hysteresis (mechanical friction).
* **Dither:** Small high-frequency oscillations are often added to the signal to keep the solenoid plunger "floating" for faster response.
---
- ⤷
What are the specific pinout diagrams for the M5VF2-46-R solenoid connectors?
- ⤷ How do I calibrate the proportional solenoid for this hydraulic motor?
- ⤷ What are the common failure modes for the electronic sensors on axial piston motors?