Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • M93C74-RBN7

  • AI
    The **M93C74-RBN7** is a specific type of non-volatile memory integrated circuit. It belongs to the STMicroelectronics family of Serial EEPROMs (Electrically Erasable Programmable Read-Only Memory). Below is a detailed breakdown of its electronic specifications and features. --- ### 1. General Specifications The device is organized internally as 512 words of 16 bits each or 1024 words of 8 bits each, depending on the wiring of the "ORG" pin. | Feature | Specification | | :--- | :--- | | **Memory Size** | 8 Kbit (8192 bits) | | **Interface** | Microwire (3-wire serial) | | **Operating Voltage** | 1.8V to 5.5V | | **Clock Frequency** | 2 MHz (at 5V), 1 MHz (at 1.8V) | | **Package Type** | PDIP8 (Plastic Dual In-line Package, 8 pins) | | **Temperature Range** | -40°C to +85°C (Industrial Grade) | --- ### 2. Pin Configuration (PDIP8) Understanding the pinout is essential for integrating the chip into a circuit. | Pin Number | Name | Description | | :--- | :--- | :--- | | 1 | **S** | Chip Select (Active High) | | 2 | **D** | Serial Data Input | | 3 | **C** | Serial Clock | | 4 | **Q** | Serial Data Output | | 5 | **Vss** | Ground | | 6 | **ORG** | Organization Select (x8 or x16) | | 7 | **DU** | Don't Use / No Connect | | 8 | **Vcc** | Supply Voltage | --- ### 3. Key Operational Features * **Self-Timed Write Cycle:** The device includes an internal timer that controls the write cycle, meaning the host microcontroller doesn't need to manage the timing for erasing or writing data. * **Ready/Busy Signal:** During a write cycle, the Data Output (Q) pin can be used to poll the status of the chip to see if the internal write operation is complete. * **Data Retention:** It is rated for more than 40 years of data retention. * **Endurance:** It supports more than 1 million write cycles per byte. * **Sequential Read:** It allows for reading the entire memory contents via a single command by continuing to provide clock pulses. --- ### 4. Part Number Breakdown: M93C74-RBN7 The suffix provides specific manufacturing details: * **M93C74**: 8 Kbit Microwire EEPROM. * **-R**: Range of operating voltage (1.8V to 5.5V). * **BN**: PDIP8 package (EcoPack, Lead-Free). * **7**: Device tested for the Industrial temperature range (-40 to +85°C) with specific reliability screening. --- ### 5. Typical Application Circuit ```arduino // Basic Logic Connection [MCU] [M93C74] CS (Digital Out) -> Pin 1 (S) MOSI(Digital Out) -> Pin 2 (D) SCK (Clock Out) -> Pin 3 (C) MISO(Digital In) <- Pin 4 (Q) GND -> Pin 5 (Vss) VCC (3.3V/5V) -> Pin 8 (Vcc) ```
    ✨ Follow-up Questions
    • ⤷ What is the difference between Microwire and SPI protocols in this context?
    • ⤷ How does the ORG pin change the memory addressing?
    • ⤷ Can this chip be programmed using a standard Arduino?