AI

## M95160-RDS6 Electronic Component Overview
The **M95160-RDS6** is a low-power, high-performance **Serial Peripheral Interface (SPI)** EEPROM (Electrically Erasable Programmable Read-Only Memory) manufactured by STMicroelectronics. It is designed for non-volatile data storage in applications requiring small footprints and low energy consumption.
---
### 1. Key Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Memory Size** | 16 Kbit (2,048 bytes) |
| **Interface** | SPI (Serial Peripheral Interface) |
| **Operating Voltage** | 1.8V to 5.5V |
| **Max Clock Frequency** | 20 MHz (at 4.5V - 5.5V) |
| **Package Type** | TSSOP8 (Thin Shrink Small Outline Package) |
| **Temperature Range** | -40°C to +85°C (Industrial Grade) |
| **Write Endurance** | 4 Million Write Cycles |
| **Data Retention** | 200 Years |
---
### 2. Internal Architecture & Logic
The M95160 organizes its memory into pages, which allows for efficient data management during write operations.
* **Page Size:** 32 bytes.
* **Instruction Set:** Standard SPI opcodes (WREN, WRDI, RDSR, WRSR, READ, WRITE).
* **Protection:** Includes a Status Register to manage Block Protection (BP0, BP1 bits) and a Write Enable Latch (WEL).
---
### 3. Pin Configuration (TSSOP8)
| Pin Number | Name | Description |
| :--- | :--- | :--- |
| 1 | **S#** | Chip Select (Active Low) |
| 2 | **Q** | Serial Data Output (MISO) |
| 3 | **W#** | Write Protect |
| 4 | **Vss** | Ground |
| 5 | **D** | Serial Data Input (MOSI) |
| 6 | **C** | Serial Clock |
| 7 | **HOLD#** | Pause Serial Communication |
| 8 | **Vcc** | Supply Voltage |
---
### 4. Decoding the Part Number: M95160-RDS6
Breaking down the specific suffix helps understand the variant:
* **M95:** STMicroelectronics SPI EEPROM family.
* **160:** Density (16 Kbits).
* **R:** Operating voltage range (1.8V to 5.5V).
* **D:** Device process (ST identification code).
* **S:** Package type (TSSOP8, 169 mil width).
* **6:** Industrial temperature range (-40°C to +85°C).
---
### 5. Common Applications
* **Consumer Electronics:** Storing user preferences, calibration data, and settings in smart home devices.
* **Industrial:** Parameter storage for sensors and PLC modules.
* **Medical:** Log data for portable diagnostic equipment.
- ⤷
What is the maximum clock speed when operating at 1.8V?
- ⤷ How does the HOLD# pin function during an active SPI transmission?
- ⤷ What is the difference between the M95160 and the I2C equivalent M24C16?