MAH23FCX-R
AI

The **MAH23FCX-R** is a high-performance **Step-Down (Buck) Switching Regulator** module, commonly utilized in industrial and telecommunications equipment. It is designed to convert a higher DC input voltage into a stabilized lower DC output voltage with high efficiency.
---
## 1. Key Specifications
The following table outlines the core electrical characteristics of the MAH23FCX-R:
| Parameter | Value / Range |
| :--- | :--- |
| **Input Voltage ($V_{in}$)** | 36V to 75V DC (Standard 48V Telecom input) |
| **Output Voltage ($V_{out}$)** | Fixed (Typically 3.3V or 5V depending on sub-variant) |
| **Output Current ($I_{out}$)** | Up to 20A - 25A |
| **Efficiency** | ~90% - 94% |
| **Package Type** | Through-hole Module (Brick format) |
| **Isolation** | Non-isolated (Common Ground) |
---
## 2. Core Electronic Components
Internally, the MAH23FCX-R is an integrated power module consisting of several critical electronic stages:
### A. Power MOSFETs
* **Function:** Act as high-speed switches.
* **Detail:** These are low $R_{DS(on)}$ (On-resistance) transistors that minimize power loss during the switching phase, allowing the module to handle high current without excessive heat.
### B. Integrated Controller IC
* **Function:** The "brain" of the module.
* **Detail:** It uses **Pulse Width Modulation (PWM)** to regulate the output. It monitors the output voltage and adjusts the duty cycle of the MOSFETs to maintain stability regardless of load changes.
### C. Power Inductor
* **Function:** Energy storage.
* **Detail:** When the MOSFET is ON, the inductor stores energy in its magnetic field. When OFF, it releases that energy to the load, smoothing the current flow.
### D. Input and Output Filters
* **Capacitors:** High-quality ceramic or polymer capacitors are used to reduce "ripple" (voltage fluctuations) and protect sensitive downstream components from electrical noise.
---
## 3. Advanced Features
The module includes built-in protection circuitry to prevent damage to the electronic system:
1. **Over-Current Protection (OCP):** Automatically limits current if a short circuit occurs.
2. **Over-Temperature Protection (OTP):** Shuts down the module if internal temperatures exceed safe operating limits.
3. **Remote On/Off:** Allows the system microcontroller to enable or disable the power supply electronically.
4. **Voltage Trimming:** Often includes a "Trim" pin to allow fine-tuning of the output voltage via an external resistor.
---
## 4. Common Applications
* **Telecommunications:** Powering base stations and network switches (48V rails).
* **Industrial Automation:** Distributing power to PLCs and sensors.
* **Data Centers:** High-density power conversion for server racks.
- ⤷
What is the pinout configuration for the MAH23FCX-R module?
- ⤷ How do I calculate the external resistor value for the voltage trim pin?
- ⤷ Does the MAH23FCX-R require an external heatsink for maximum current output?