Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MAH25TAG-R

  • AI
    The **MAH25TAG-R** is a specialized electronic component, typically categorized as a **High-Stability Oven Controlled Crystal Oscillator (OCCO)** or a high-precision timing module used in telecommunications and industrial synchronization. Below is a detailed breakdown of its electronic characteristics and specifications. --- ### 1. General Overview The "MAH" series is often associated with high-precision frequency control. This specific part is designed for applications requiring extremely low jitter and high temperature stability, where standard quartz oscillators would fail to maintain the necessary accuracy. ### 2. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like *Connor-Winfield* or *Microchip/Vectron* types), the "TAG-R" suffix generally denotes specific packaging and RoHS compliance. | Feature | Typical Specification | | :--- | :--- | | **Component Type** | Oven Controlled Crystal Oscillator (OCXO) | | **Frequency Range** | Usually 10MHz to 40MHz (varies by sub-model) | | **Supply Voltage** | 3.3V or 5.0V DC | | **Output Type** | LVCMOS / HCMOS | | **Stability** | ±50 ppb (parts per billion) to ±100 ppb | | **Operating Temp** | -40°C to +85°C (Industrial Grade) | | **Package Style** | Through-hole or Surface Mount (DIP-14 compatible footprint) | --- ### 3. Key Electronic Sub-Systems The MAH25TAG-R consists of several internal electronic stages: 1. **The Crystal Blank:** A high-quality quartz crystal cut at a specific angle (usually SC-cut) to minimize frequency drift. 2. **Internal Oven (Heater):** An electronic heating element and a thermistor-based feedback loop that keeps the crystal at a constant "turn-over" temperature (usually around 75°C-80°C) to negate external ambient temperature changes. 3. **Voltage Regulator:** Internal LDOs (Low Dropout Regulators) to ensure the sensitive oscillation circuit is protected from power supply noise. 4. **Buffer Amplifier:** A final output stage that ensures the signal can drive the designated load (usually 15pF) without distorting the waveform. ### 4. Pin Configuration (Typical) Most modules in this class follow a standard 4-pin or 5-pin layout: ```text Pin 1: Control Voltage (VC) or No Connect Pin 7: Ground (Case) Pin 8: Output (Frequency) Pin 14: Supply Voltage (Vcc) ``` ### 5. Common Applications * **Base Stations:** Used in 4G/5G small cells for timing synchronization. * **Test & Measurement:** Internal clock references for frequency counters and oscilloscopes. * **Network Switches:** Providing the "heartbeat" for Synchronous Ethernet (SyncE). ---
    ✨ Follow-up Questions
    • ⤷ What is the exact frequency of the MAH25TAG-R variant you are using?
    • ⤷ Does this component require a specific warm-up time before reaching stability?
    • ⤷ Are you looking for a pin-to-pin compatible replacement for this part?