Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MAH71TBA-R

  • AI
    The **MAH71TBA-R** is a high-performance **Brushless DC (BLDC) Motor** manufactured by **Oriental Motor**. It belongs to the **BLH Series**, which is designed for compact, high-efficiency applications requiring precise speed control. Below is a detailed breakdown of its electronic and technical specifications. --- ## 1. Core Technical Specifications The MAH71TBA-R is a component-level motor that requires a compatible driver (usually from the BLH Series) to operate. | Parameter | Specification | | :--- | :--- | | **Motor Type** | Brushless DC Motor (BLDC) | | **Output Power** | 100 Watts (1/8 HP) | | **Input Voltage** | 24 VDC | | **Rated Torque** | 0.318 N·m (approx. 45 oz-in) | | **Rated Speed Range** | 100 to 3000 r/min | | **Shaft Type** | Round Shaft (No Gearhead) | | **IP Rating** | IP65 (Dust-tight and protected against water jets) | --- ## 2. Key Electronic Components & Features ### A. Feedback Mechanism (Hall Effect Sensors) The motor contains internal **Hall Effect Sensors**. These electronic sensors detect the position of the permanent magnet rotor and send pulses back to the driver. This allows the driver to: * Maintain constant torque across the speed range. * Synchronize the electromagnetic field of the stator with the rotor position. ### B. Winding and Insulation * **Class B Insulation:** Rated for temperatures up to 130°C (266°F). * **Electronic Commutation:** Unlike brushed motors, the MAH71TBA-R uses electronic switching (via the driver) rather than mechanical brushes, which eliminates sparks, reduces EMI (Electromagnetic Interference), and extends the component's lifespan. ### C. Wiring Configuration The motor typically features a lead wire connection system. The wiring is split into two main groups: 1. **Phase Lines:** (Usually 3 wires) Carry the high-current power to the stator windings. 2. **Signal Lines:** (Usually 5 wires) Connect the internal Hall sensors to the driver (Vcc, Ground, and 3 Phase signals). --- ## 3. Performance Advantages * **Speed Stability:** Due to the closed-loop feedback, the speed fluctuation is very low (±0.5% or less) even if the load changes. * **Energy Efficiency:** BLDC motors are significantly more efficient than AC induction motors of the same size, reducing power consumption in battery-operated or 24V systems. * **Compact Footprint:** The "MAH" designation indicates a high-torque-to-weight ratio, making it ideal for AGVs (Automated Guided Vehicles) and medical equipment. --- ## 4. Required System Architecture To utilize the MAH71TBA-R, the following electronic setup is required: ```mermaid graph LR A[24V DC Power Supply] --> B[BLH Series Driver] B <--> C[MAH71TBA-R Motor] D[PLC / Controller] --> B ``` ---
    ✨ Follow-up Questions
    • ⤷ Which specific driver models are compatible with the MAH71TBA-R?
    • ⤷ Can this motor be used with a gearhead for higher torque?
    • ⤷ What are the common pinout configurations for the Hall sensor connector?