MAS9128AS
AI

## Overview of MAS9128AS
The **MAS9128AS** is a high-performance, low-power integrated circuit (IC) primarily designed as an **AM Receiver IC** for Time Signal Reception. It is commonly used in applications requiring synchronization with atomic clock signals such as DCF77 (Germany), WWVB (USA), JJY (Japan), and MSF (UK).
### Key Technical Specifications
| Feature | Description |
| :--- | :--- |
| **Supply Voltage (Vdd)** | 1.1 V to 3.6 V |
| **Current Consumption** | ~55 µA (Active), < 0.1 µA (Standby) |
| **Sensitivity** | Extremely high (~0.4 µV input sensitivity) |
| **Frequency Range** | 40 kHz to 77.5 kHz (covering major time signal stations) |
| **Output Type** | CMOS Digital (Demodulated Time Signal) |
| **Package Type** | Solder-bumped WLCSP or Die form |
---
### Internal Architecture and Components
The MAS9128AS integrates several electronic functional blocks into a single miniature chip:
1. **Low Noise Amplifier (LNA):**
Acts as the input stage to amplify the weak radio frequency (RF) signals received from the ferrite loop antenna without adding significant noise.
2. **Automatic Gain Control (AGC):**
A sophisticated AGC loop ensures the circuit maintains a stable output level despite varying signal strengths between day and night or distance from the transmitter.
3. **Active Bandpass Filter:**
The IC requires external crystals to set the narrow bandwidth necessary to filter out interference and isolate the specific time code frequency.
4. **Demodulator:**
Extracts the digital pulse (usually 1 pulse per second) from the amplitude-modulated (AM) carrier wave.
5. **Power Management:**
Includes a "Power Down" (PD) pin to shut off the device when time synchronization is not required, preserving battery life in consumer electronics.
---
### Typical Application Circuitry
To function, the MAS9128AS requires a few critical external electronic components:
* **Ferrite Antenna:** Tuned to the specific frequency (e.g., 60 kHz) using a parallel capacitor.
* **Quartz Crystals:** Two crystals are often used in a filter configuration to provide high selectivity.
* **Decoupling Capacitors:** Standard ceramic capacitors to stabilize the supply voltage and filter noise.
### Common Use Cases
* **Radio-Controlled Clocks:** Wall clocks and desk clocks that auto-set.
* **Wristwatches:** Low-power consumption makes it ideal for quartz watches.
* **Weather Stations:** For timestamping meteorological data.
* **Industrial Timers:** Synchronizing systems with global time standards.
- ⤷
How does the MAS9128AS interface with a microcontroller like an Arduino?
- ⤷ What is the difference between MAS9128 and other versions like MAS9129?
- ⤷ What are the specific external crystal requirements for this IC?