MAX17841B
AI

## Overview of the MAX17841B
The **MAX17841B** is an automotive-grade SPI-to-UART bridge interface designed primarily for battery management systems (BMS). It acts as the communication link between a host microcontroller (MCU) and a string of battery monitoring ICs (like the MAX1785x series).
---
### 1. Key Functional Components
The internal architecture is designed to handle robust, high-voltage isolated communication.
| Component | Function |
| :--- | :--- |
| **SPI Interface** | Connects to the host MCU (supports up to 4MHz). |
| **UART Interface** | Connects to the daisy-chain of battery monitors. |
| **Buffer/FIFO** | 128-byte transmit and receive buffers to reduce MCU overhead. |
| **Clock Generator** | Internal oscillator for timing; supports external clock synchronization. |
| **Fault Detection** | Monitors parity, framing errors, and communication timeouts. |
---
### 2. Pin Configuration and Hardware Interface
The MAX17841B typically comes in a 20-pin TSSOP package. Below are the primary pin groups:
#### MCU Side (SPI)
- **SCLK, CS, MOSI, MISO**: Standard 4-wire SPI communication.
- **IRQ**: Interrupt request pin to notify the MCU of new data or errors.
#### BMS Side (UART)
- **RXL / RXH**: Differential receive lines from the battery stack.
- **TXL / TXH**: Differential transmit lines to the battery stack.
#### Power & Control
- **V_DD**: Logic supply (typically 3.3V or 5V).
- **SHDNB**: Shutdown pin for low-power sleep mode.
---
### 3. Key Technical Specifications
| Parameter | Value / Range |
| :--- | :--- |
| **Operating Voltage** | 2.7V to 5.5V |
| **Temperature Range** | -40°C to +125°C (AEC-Q100 Grade 0) |
| **UART Baud Rate** | Up to 2Mbps |
| **Quiescent Current** | < 2.0µA (in shutdown mode) |
| **Communication Mode** | Half-duplex or Full-duplex |
---
### 4. Typical Application Circuit
In a battery pack, the MAX17841B is the "Master" of the communication bus.
```mermaid
graph LR
MCU[Host Microcontroller] -- SPI Interface --> MAX17841B[MAX17841B Bridge]
MAX17841B -- Differential UART --> BMIC1[MAX17853 Monitor]
BMIC1 -- Daisy Chain --> BMIC2[MAX17853 Monitor]
BMIC2 -- Daisy Chain --> BMICn[End of Stack]
```
### 5. Why use the MAX17841B?
1. **Isolation Support**: Designed to work seamlessly with capacitive or transformer isolation, protecting the low-voltage MCU from the high-voltage battery stack.
2. **Simplified Software**: The hardware handles the UART protocol framing and timing, allowing the MCU to focus on battery management logic.
3. **Robustness**: Includes built-in features to handle CRC checks and communication wake-up sequences required in automotive environments.
---
- ⤷
How does the MAX17841B handle differential signaling for noise immunity?
- ⤷ What are the specific power-saving modes available in the MAX17841B?
- ⤷ Can the MAX17841B be used with non-Maxim battery monitoring ICs?