Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MC50-R68M-RC

  • AI
    ## Technical Overview: MC50-R68M-RC The **MC50-R68M-RC** is a high-current, surface-mount (SMD) power inductor. It is designed for use in DC-DC converters and voltage regulator modules where high efficiency and high current handling are required in a compact form factor. --- ### 1. Part Number Breakdown Understanding the nomenclature helps identify the component's characteristics: | Code | Meaning | Description | | :--- | :--- | :--- | | **MC50** | Series/Size | Refers to the physical dimensions (approx. 5.5 x 5.2 mm). | | **R68** | Inductance Value | Represents **0.68 µH** (Microhenries). | | **M** | Tolerance | **±20%** tolerance on the inductance value. | | **RC** | Compliance | Indicates **RoHS Compliant**. | --- ### 2. Key Electrical Specifications Below are the typical technical parameters for this specific inductor: * **Inductance:** 0.68 µH * **DC Resistance (DCR):** Low resistance (typically in the range of 4.5mΩ to 6.0mΩ) to minimize power loss. * **Saturation Current (Isat):** The current level at which the inductance drops by a specific percentage (e.g., 20-30%). For this series, it is usually high (approx. 15A - 20A). * **Heating Current (Irms):** The continuous current that causes a 40°C temperature rise. * **Operating Temperature:** Generally rated from **-40°C to +125°C**. --- ### 3. Material and Construction * **Core Material:** Molded iron powder or composite core. This construction provides "soft saturation" characteristics, meaning the inductance doesn't drop off sharply when current increases. * **Shielding:** It is a **shielded** inductor. The molded construction inherently reduces Electromagnetic Interference (EMI), making it suitable for high-density PCB layouts. --- ### 4. Common Applications This component is typically found in the following circuits: 1. **Switching Mode Power Supplies (SMPS):** Used for energy storage and filtering. 2. **GPU/CPU Power Rails:** High-current capability makes it ideal for low-voltage, high-current computer power stages. 3. **DC-DC Converters:** Buck or boost converters in telecommunications and industrial electronics. 4. **Battery Powered Devices:** High efficiency helps extend battery life. --- ### 5. Technical Considerations for Design * **Footprint:** Ensure the PCB pad layout matches the 50 series dimensions to avoid soldering issues or mechanical stress. * **Thermal Management:** Even though it has low DCR, at maximum Irms, the component will generate heat. Ensure adequate airflow or copper pour for heat dissipation. * **Saturation:** Always design the circuit so that the peak inductor current remains below the **Isat** rating to prevent core saturation and potential circuit failure.
    ✨ Follow-up Questions
    • ⤷What are the exact physical dimensions of the MC50 footprint?
    • ⤷ How does the 'soft saturation' of a molded inductor compare to a ferrite core?
    • ⤷ Can you provide the maximum DC resistance (DCR) for the R68M-RC variant?