Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MCSO2H

  • AI
    The **MCSO2H** is a high-reliability, high-frequency crystal oscillator manufactured by **Micro Crystal AG**. It is specifically designed for harsh environments and high-temperature applications, frequently used in aerospace, defense, and downhole drilling industries. --- ## 1. Core Technical Specifications The MCSO2H belongs to the family of **Military/Industrial Grade Clock Oscillators**. Below are its primary technical characteristics: | Feature | Specification Details | | :--- | :--- | | **Frequency Range** | 10 kHz to 225 MHz | | **Output Type** | CMOS / TTL compatible | | **Supply Voltage (Vdd)** | +2.5V, +3.3V, or +5.0V | | **Operating Temp Range** | -55°C to +210°C (Extended range available) | | **Package Type** | SMT Ceramic (Small form factor) | | **Stability** | ±100 ppm to ±250 ppm (across temp ranges) | --- ## 2. Key Electronic Components & Internal Structure The device is not just a crystal; it is an **Integrated Circuit (IC)** combined with a **Quartz Crystal** in a single hermetically sealed package. ### A. The Quartz Resonator The heart of the MCSO2H is a high-quality quartz blank. It is cut and polished to vibrate at a precise fundamental or overtone frequency. Because this model is "High Temp," the quartz is processed to minimize frequency drift at temperatures exceeding 200°C. ### B. The CMOS Oscillator IC This internal silicon chip performs several functions: * **Gain Stage:** Maintains the oscillation of the crystal. * **Buffer/Driver:** Ensures the output signal has enough strength to drive external logic gates without affecting the crystal's stability. * **Divider (Optional):** Some variants use internal dividers to produce low-frequency outputs from a high-frequency master crystal. ### C. Ceramic Package (SMD) The package is made of Alumina ($Al_2O_3$), featuring: * **Kovar Lid:** Laser-welded or gold-tin (AuSn) soldered to ensure a vacuum-tight (hermetic) seal. * **Gold Plating:** Pins/pads are typically gold-plated to prevent oxidation and ensure reliable soldering in high-reliability missions. --- ## 3. Critical Features for Engineers ### Frequency Stability vs. Temperature Unlike standard consumer oscillators that fail at 85°C, the MCSO2H utilizes specialized compensation and high-melting-point internal interconnects to operate at **+210°C**. ### Current Consumption The power consumption is remarkably low, typically in the range of: * **< 5 mA** for frequencies below 20 MHz. * **~20-30 mA** for high-speed CMOS outputs at 100+ MHz. ### Shock and Vibration Resistance Because it is built for aerospace and downhole (drilling) use, the internal components are mounted to withstand: * **Shock:** Up to 5000g, 0.3 ms, ½ sine. * **Vibration:** 20g / 10-2000 Hz. --- ## 4. Typical Application Circuit When integrating the MCSO2H, a decoupling capacitor is mandatory to ensure signal integrity. ```arduino // Typical Pin Configuration Pin 1: NC (No Connection) or E/D (Enable/Disable) Pin 2: GND (Ground) Pin 3: Fout (Frequency Output Signal) Pin 4: Vdd (Power Supply +3.3V / +5.0V) // Circuit Tip: // Place a 10nF to 100nF ceramic capacitor // as close as possible to Pin 4 (Vdd) and Pin 2 (GND). ```
    ✨ Follow-up Questions
    • ⤷ What are the primary differences between the MCSO2H and standard TCXOs?
    • ⤷ Which specific soldering profiles are recommended for the MCSO2H at high temperatures?
    • ⤷ How does the Enable/Disable function affect current consumption in this model?