MCSO2W
AI

The **MCSO2W** is a specialized electronic component commonly used in high-precision timing applications. It belongs to the family of **Miniature Clock Silicon Oscillators**, specifically designed for harsh environments, including military, aerospace, and down-hole drilling applications.
---
## 1. Technical Specifications
The MCSO2W is characterized by its high stability and extremely small surface-mount footprint. Below are the typical technical parameters:
| Parameter | Specification (Typical) |
| :--- | :--- |
| **Frequency Range** | 10.0 kHz to 100.0 MHz |
| **Supply Voltage (Vdd)** | 2.5V, 3.3V, or 5.0V |
| **Operating Temp Range** | -55°C to +125°C (Military) / up to +210°C (HT) |
| **Package Size** | 2.5 x 2.0 mm (Ceramic LCC) |
| **Output Waveform** | HCMOS / TTL Compatible |
| **Current Consumption** | 2.0 mA to 15.0 mA (Frequency dependent) |
---
## 2. Key Features & Internal Components
The MCSO2W is not just a crystal; it is an active oscillator circuit. It contains several critical electronic sub-parts integrated into a single package:
### A. The AT-Cut Quartz Crystal
The heart of the component is a high-quality quartz blank. Unlike standard oscillators, the MCSO2W uses specialized mounting techniques to ensure frequency stability even under extreme mechanical shock.
### B. CMOS Integrated Circuit (IC)
The internal IC contains:
* **Oscillator Amplifier:** Maintains the oscillation of the quartz crystal.
* **Dividers/Buffers:** Shapes the signal into a clean square wave (HCMOS).
* **Enable/Disable Logic:** Often includes a "Tristate" function (Pin 1) to allow the component to be turned off to save power.
### C. Ceramic Package
The housing is a 4-pad ceramic Leadless Chip Carrier (LCC). The gold-plated pads ensure high conductivity and resistance to oxidation in high-humidity or high-temperature environments.
---
## 3. Pin Configuration
The MCSO2W typically follows a standard 4-pin layout:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | E/D or NC | Enable/Disable (Tristate) or No Connection |
| **2** | GND | Ground / Case connection |
| **3** | OUTPUT | The clock frequency signal output |
| **4** | Vdd | Positive Power Supply |
---
## 4. Design Considerations
When implementing the MCSO2W in a PCB layout, engineers must consider:
* **Decoupling:** A 10nF to 100nF ceramic capacitor should be placed as close as possible to Pin 4 (Vdd) to filter power supply noise.
* **Thermal Management:** If using the High-Temperature (HT) version, the solder alloy used must have a melting point significantly higher than the operating temperature (e.g., HMP solder).
* **EMI Shielding:** The metal lid of the package is usually grounded via Pin 2 to reduce electromagnetic interference.
- ⤷
What is the difference between the standard MCSO2W and the High-Temperature (HT) version?
- ⤷ How does the Tristate function on Pin 1 affect power consumption?
- ⤷ What are the common failure modes for these oscillators in high-vibration environments?