Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MD2103DFX

  • AI
    ### Overview: MD2103DFX Power Transistor The **MD2103DFX** is a high-voltage NPN Power Transistor specifically designed for horizontal deflection circuits in high-resolution monitors and Color Televisions (CTV). It is manufactured using Multiepitaxial Mesa technology, which provides a high breakdown voltage and high switching speeds. --- ### Technical Specifications | Parameter | Symbol | Value | | :--- | :--- | :--- | | **Collector-Emitter Voltage ($V_{CES}$)** | $V_{CES}$ | 1500 V | | **Collector-Emitter Voltage ($V_{CEO}$)** | $V_{CEO}$ | 700 V | | **Collector Current (DC)** | $I_C$ | 6 A | | **Collector Current (Peak)** | $I_{CP}$ | 9 A | | **Total Dissipation ($T_C = 25^\circ C$)** | $P_{TOT}$ | 51 W | | **Package Type** | - | TO-220FH (Fully Isolated) | --- ### Internal Features The MD2103DFX is not a standard transistor; it is an **integrated** solution that includes specific components internally to simplify circuit design: 1. **Built-in Damper Diode:** It includes an integrated diode between the Collector and Emitter to protect the transistor from high-voltage spikes during the flyback period. 2. **Base-Emitter Resistor ($R_{BE}$):** It contains an internal resistor between the base and emitter. This helps in speeding up the turn-off time and improves thermal stability. 3. **Fully Isolated Package:** The TO-220FH package is encased in plastic, meaning no external mica insulator is required when mounting it to a heatsink. --- ### Pin Configuration Looking at the front of the transistor (labels facing you), the pins are assigned as follows: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1 | **Base** | Controls the switching of the transistor. | | 2 | **Collector** | Connected to the load (typically the Flyback Transformer). | | 3 | **Emitter** | Usually connected to ground. | --- ### Typical Applications * **Horizontal Deflection Output:** Used in CRT (Cathode Ray Tube) monitors and TVs to control the horizontal scanning of the electron beam. * **Switch Mode Power Supplies (SMPS):** Occasionally used in high-voltage switching regulators. * **High Voltage Switching:** General purpose switching in circuits requiring high $V_{CES}$ tolerance. --- ### Equivalent Components If the MD2103DFX is unavailable, common equivalents (depending on specific circuit requirements) include: * **BU2508DF** * **2SD2499** * **BUH515D**
    ✨ Follow-up Questions
    • ⤷What are the specific advantages of the 'Multiepitaxial Mesa' technology used in this transistor?
    • ⤷ How do I test if an MD2103DFX is faulty using a multimeter?
    • ⤷ Why is the internal damper diode critical for horizontal deflection circuits?