Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ME14XAX-R

  • AI
    The **ME14XAX-R** is an electromechanical power relay manufactured by **Magnecraft** (a brand under Schneider Electric). It is specifically designed for general-purpose switching applications requiring high current handling and reliability. --- ### 1. Key Technical Specifications The following table outlines the core electronic and mechanical parameters of the ME14XAX-R: | Parameter | Specification | | :--- | :--- | | **Contact Configuration** | SPST-NO (Single Pole Single Throw, Normally Open) | | **Contact Rating (Resistive)** | 25 Amps at 240VAC / 28VDC | | **Coil Voltage** | 120 VAC (50/60 Hz) | | **Mounting Type** | Panel Mount | | **Termination Style** | Screw Terminals | | **Contact Material** | Silver Alloy | | **Horsepower Rating** | 1 HP at 120VAC / 2 HP at 240VAC | --- ### 2. Major Electronic Components & Features #### A. Electromagnetic Coil The heart of the relay is the coil, which operates on **120VAC**. When energized, it creates a magnetic field that pulls an armature to close the electrical contacts. Because it is an AC coil, it typically includes a "shading ring" on the pole piece to prevent chatter or vibration during the zero-crossing of the AC cycle. #### B. Contact System (SPST-NO) * **Normally Open (NO):** The circuit remains broken until the coil is energized. * **Heavy-Duty Switching:** Rated for up to **25 Amps**, making it suitable for high-power loads like heaters, motors, and lighting systems. #### C. Mechanical Construction * **Enclosure:** Usually features a clear plastic dust cover to protect the contacts from environmental contaminants while allowing for visual inspection of the contact state. * **Screw Terminals:** Provides a secure, low-resistance connection for thick-gauge wires, essential for handling high amperage without overheating. --- ### 3. Common Applications Due to its robust current rating and 120V control voltage, this part is frequently found in: 1. **HVAC Systems:** Controlling fans, blowers, and compressor heaters. 2. **Industrial Automation:** Acting as an interface between low-power PLC outputs and high-power actuators. 3. **Power Management:** Used in emergency lighting or power distribution panels. --- ### 4. Wiring Diagram (Simplified) ```text [ 120VAC Coil ] [ Load Circuit ] Terminal A - (L) Terminal 1 - (Line) Terminal B - (N) Terminal 2 - (Load) | | (Energize to Close) ------> [Contacts] ```
    ✨ Follow-up Questions
    • ⤷ What is the power consumption of the 120VAC coil in VA?
    • ⤷ Can this relay be used with a DC control signal if the voltage matches?
    • ⤷ What are the recommended wire gauges for the 25A screw terminals?