Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ME22ZBA-R

  • AI
    The **ME22ZBA-R** is a specific model designation for a high-performance **Brushless DC (BLDC) Motor**, typically manufactured by companies like **Nidec** (formerly Shibaura). These motors are engineered for precision, quiet operation, and longevity, often found in high-end HVAC systems or air purification units. --- ## 1. Technical Specifications The ME22ZBA-R belongs to the class of internal-rotor brushless motors. Below are the typical technical parameters for this component: | Feature | Specification (Typical) | | :--- | :--- | | **Motor Type** | Brushless DC (BLDC) | | **Input Voltage** | DC 280V - 340V (High Voltage DC) | | **Control Voltage** | DC 15V (for logic) | | **Speed Control** | VSP (Variable Speed Control) / PWM | | **Rotation** | Counter-Clockwise (CCW) or Clockwise (CW) based on specific sub-variant | | **Protection** | Thermal Overload, Overcurrent Protection | --- ## 2. Key Electronic Components The "parts" of the ME22ZBA-R can be categorized into its internal physical construction and its integrated control electronics. ### A. Integrated Driver Circuit (PCB) Unlike standard brushed motors, the ME22ZBA-R contains an internal **Inverter/Driver board**. * **Microcontroller/IC:** Manages the commutation (switching) of the magnetic fields. * **IGBTs/MOSFETs:** High-power transistors that switch the high-voltage DC to the stator coils. * **Hall Effect Sensors:** Detect the rotor's position to ensure the driver switches the current at the exact right moment. ### B. Electromechanical Parts * **Permanent Magnet Rotor:** Uses high-grade rare-earth magnets to provide torque without the need for brushes. * **Stator Windings:** Copper coils arranged in a 3-phase configuration. * **Ball Bearings:** High-precision, low-friction bearings designed for continuous 24/7 operation. --- ## 3. Wiring Interface (Pinout) The motor usually features a 5-wire or 6-wire connector. A typical configuration for this series is: | Wire Color | Signal | Description | | :--- | :--- | :--- | | **Red** | Vm | High Voltage DC (approx. 310V) | | **Black** | GND | Common Ground | | **White** | Vcc | Logic Supply (usually 15V) | | **Yellow** | Vsp | Speed Control Signal (0-5V or PWM) | | **Blue** | FG | Feedback Signal (Frequency Generator/Tachometer) | --- ## 4. Application Areas This motor is highly specialized for: 1. **Indoor Fan Units:** Used in split-system air conditioners. 2. **Air Purifiers:** High-efficiency air filtration systems. 3. **Ventilation:** Heat Recovery Ventilators (HRV) where low noise is critical. ---
    ✨ Follow-up Questions
    • ⤷ How do I test if an ME22ZBA-R motor is faulty using a multimeter?
    • ⤷ What are the common replacement equivalents for this motor model?
    • ⤷ Can this motor be controlled using an Arduino or ESP32?