Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ME62XBA-R

  • AI
    The **ME62XBA-R** typically refers to a specialized electronic component from the **ME62 series**, which are high-performance **Low Dropout (LDO) Linear Voltage Regulators**. These parts are commonly manufactured by companies like *Microne (Nanjing Micro One Electronics)*. Below is a technical breakdown of the electronic characteristics and functions of this component. --- ## 1. Technical Specifications The "ME62" series is designed for applications requiring low noise and low quiescent current. While the exact suffix (XBA-R) can vary slightly by manufacturer batch, the core specifications generally align with the following: | Parameter | Typical Value | | :--- | :--- | | **Input Voltage Range** | Up to 6.5V - 18V (Series dependent) | | **Output Voltage** | Usually fixed (e.g., 3.0V, 3.3V, 5.0V) | | **Output Current** | 300mA to 500mA | | **Dropout Voltage** | ~100mV - 300mV @ 100mA | | **Quiescent Current** | 1.0μA to 3.0μA (Ultra-low power) | | **Package Type** | SOT-23, SOT-89, or SOT-23-3 | --- ## 2. Component Pinout (Standard SOT-23) Most LDOs in this series follow a standard three-terminal configuration: 1. **VSS (GND):** Ground pin. 2. **VOUT:** Regulated output voltage pin. 3. **VIN:** Unregulated input voltage pin. --- ## 3. Key Features The ME62XBA-R is selected for specific circuit needs: * **Low Quiescent Current ($I_Q$):** This is the "idle" power consumption. At ~1μA, it is ideal for battery-powered devices to extend shelf life. * **High Ripple Rejection (PSRR):** It filters out noise from the power supply, making it suitable for RF (Radio Frequency) and sensitive analog circuits. * **Built-in Protections:** Usually includes over-current protection and thermal shutdown to prevent the chip from burning out during a short circuit. * **Low ESR Capacitor Compatibility:** It is designed to be stable even with small ceramic capacitors, saving PCB space. --- ## 4. Typical Applications This part is commonly found in: * **IoT Devices:** Sensors and wireless modules (ESP8266/ESP32 peripherals). * **Portable Electronics:** MP3 players, digital cameras, and handheld scanners. * **Reference Voltage:** Providing a steady voltage to Microcontrollers (MCUs) or Analog-to-Digital Converters (ADCs). * **Battery Powered Equipment:** Any device running on Li-ion or Alkaline batteries where efficiency is critical. --- ## 5. Part Number Breakdown (Example) * **ME:** Manufacturer Code (Microne). * **62:** Series identifier (LDO Regulator). * **X:** Voltage designator (e.g., A=3.0V, B=3.3V—check specific datasheet). * **BA:** Package/Accuracy designator. * **-R:** Tape and Reel packaging.
    ✨ Follow-up Questions
    • ⤷ What is the exact output voltage for the 'B' variant of the ME62 series?
    • ⤷ How does the dropout voltage affect battery efficiency in this LDO?
    • ⤷ What are the recommended input and output capacitor values for the ME62XBA-R?