Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MF-R015/600

  • AI
    The **MF-R015/600** is a specific model of Resettable Fuse, part of the Multifuse® polymer positive temperature coefficient (PPTC) series manufactured by **Bourns**. These components are widely used for overcurrent protection in telecommunications and industrial electronics. --- ## 1. Core Specifications The following table highlights the critical electrical characteristics of the MF-R015/600: | Parameter | Specification | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 0.150 A | Maximum current the device will pass without tripping. | | **$I_{trip}$** | 0.300 A | Minimum current at which the device will trip (cut off). | | **$V_{max}$** | 600 V | Maximum voltage the device can withstand without damage. | | **$I_{max}$** | 3.0 A | Maximum fault current the device can safely handle. | | **$P_d$ (Typ.)** | 1.0 W | Power dissipated when the device is in a tripped state. | | **Resistance ($R_{min}$)** | 6.0 $\Omega$ | Minimum resistance at 23°C before tripping. | | **Resistance ($R_{max}$)** | 12.0 $\Omega$ | Maximum resistance at 23°C before tripping. | --- ## 2. Functionality and Mechanism The MF-R015/600 operates based on the **PPTC (Polymer Positive Temperature Coefficient)** principle: 1. **Normal State:** The conductive particles in the polymer matrix form a low-resistance path, allowing current to flow to the load. 2. **Fault State:** If an overcurrent or short circuit occurs, the temperature of the device rises. The polymer expands, breaking the conductive chains. 3. **Tripped State:** Resistance increases exponentially, reducing the current to a safe leakage level. 4. **Reset:** Once the fault is removed and the power is cycled (or the device cools down), the polymer contracts, and the device returns to a low-resistance state. --- ## 3. Key Applications Because of its high voltage rating (600V), this specific part is designed for environments where high-voltage surges or power cross-events occur: * **Telecommunications:** Protection for Customer Premise Equipment (CPE) and Central Office (CO) equipment. * **Medical Equipment:** Overcurrent protection in sensitive diagnostic tools. * **Industrial Controls:** Protecting signal lines from accidental contact with power lines. * **Power Supplies:** Secondary protection against short circuits. --- ## 4. Mechanical Design The "MF-R" prefix indicates a **Radial Leaded** package. * **Form Factor:** Through-hole mounting. * **Insulation:** Flame retardant epoxy polymer (meeting UL 94V-0). * **Lead Material:** Tin-plated copper.
    ✨ Follow-up Questions
    • ⤷ How does the ambient temperature affect the $I_{hold}$ current of the MF-R015/600?
    • ⤷ What is the typical time-to-trip for this fuse at 1 Ampere?
    • ⤷ How does a resettable fuse compare to a standard one-time thermal fuse?