MF-RX012SLASH250-2
AI

The **MF-RX012/250-2** is a specialized electronic component known as a **Resettable Fuse** (or PPTC: Polymeric Positive Temperature Coefficient device). It is manufactured by Bourns and is specifically designed for telecommunications and high-voltage protection applications.
---
## 1. Technical Specifications
| Parameter | Value |
| :--- | :--- |
| **Hold Current ($I_{hold}$)** | 0.12 A (120 mA) |
| **Trip Current ($I_{trip}$)** | 0.24 A (240 mA) |
| **Maximum Voltage ($V_{max}$)** | 60V (Operating) / 250V (Interrupt) |
| **Maximum Current ($I_{max}$)** | 3.0 A |
| **Mounting Type** | Through-Hole (Radial Lead) |
| **Packaging** | Tape & Reel (indicated by the "-2" suffix) |
---
## 2. Key Features and Operation
### How it Works
Unlike a traditional fuse that "blows" and must be replaced, this PPTC device acts like a variable resistor.
1. **Normal State:** Under normal current levels, the device maintains a very low resistance.
2. **Fault State:** When an overcurrent or short circuit occurs, the internal polymer heats up rapidly, causing its resistance to spike. This effectively "opens" the circuit.
3. **Reset:** Once the power is removed and the device cools down, it returns to a low-resistance state and resets automatically.
### High Voltage Tolerance
The **/250** in the part number signifies its ability to withstand power cross and lightning surge tests. It is rated for an interrupt voltage of **250V**, making it suitable for equipment connected to AC power lines or telephone systems.
---
## 3. Applications
* **Telecommunications:** Protecting line cards and customer premise equipment (CPE).
* **Industrial Controls:** Protecting sensors and low-current control circuits from wiring errors.
* **Smart Meters:** Overcurrent protection in utility metering.
* **Safety Agency Compliance:** Often used to meet ITU-T K.20/K.21 and Telcordia GR-1089 standards.
---
## 4. Part Number Breakdown
* **MF-RX:** Multifuse® Resettable Fuses (Radial Lead series).
* **012:** Hold current of 0.12 Amps.
* **250:** Indicates high voltage (250V) capability.
* **-2:** Tape and Reel packaging for automated assembly.
- ⤷What is the difference between hold current and trip current in a PPTC?
- ⤷ How does temperature affect the performance of the MF-RX012?
- ⤷ Can this fuse be used for permanent short-circuit protection?