Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MF-RX012_07

  • AI
    ## Technical Overview: MF-RX012/072 The **MF-RX012/072** is a **Radial Leaded PTC (Positive Temperature Coefficient) Resettable Fuse** manufactured by Bourns. It is part of the Multifuse® family, designed to provide overcurrent protection for electronic circuits without requiring replacement after a fault. --- ### 1. Key Technical Specifications The following table highlights the primary electrical characteristics of this component: | Parameter | Value | Description | | :--- | :--- | :--- | | **$I_{hold}$** | 0.12 A | Maximum current at which the device will not trip. | | **$I_{trip}$** | 0.24 A | Minimum current at which the device is guaranteed to trip. | | **$V_{max}$** | 72 V | Maximum voltage the device can withstand without damage. | | **$I_{max}$** | 40 A | Maximum fault current the device can safely interrupt. | | **$P_d$** | 0.45 W | Typical power dissipated when in the tripped state. | | **Resistance ($R_{min}$)** | 1.50 $\Omega$ | Minimum resistance in the initial (pre-tripped) state. | | **Resistance ($R1_{max}$)** | 6.00 $\Omega$ | Max resistance 1 hour after tripping or reflow. | --- ### 2. Physical Characteristics and Materials The MF-RX series is recognizable by its circular, radial leaded form factor. * **Materials:** Constructed from a conductive polymer blend. * **Encapsulation:** Coated with flame-retardant epoxy polymer (meeting UL 94V-0 requirements). * **Leads:** Typically tin-plated copper for easy through-hole soldering. * **Operating Temp:** Standard range is $-40^\circ\text{C}$ to $+85^\circ\text{C}$. --- ### 3. How it Functions The MF-RX012 operates on the principle of **Thermal Expansion**: 1. **Normal State:** The conductive particles inside the polymer form low-resistance chains, allowing current to pass with minimal loss. 2. **Fault State (Overcurrent):** If current exceeds $I_{trip}$, the polymer heats up ($I^2R$ heating) and expands. 3. **High Resistance State:** The expansion breaks the conductive chains, causing the resistance to spike dramatically, limiting the current flow to a safe leakage level. 4. **Reset:** Once the fault is removed and the device cools down, the polymer contracts, the conductive paths reconnect, and the device returns to a low-resistance state. --- ### 4. Typical Applications Due to its high voltage rating (72V), the MF-RX012 is commonly used in: * **Security Systems:** Sensors and alarm control panels. * **Industrial Controls:** Protection for PLC I/O ports. * **Telecommunications:** Protection against power cross-talk and surges. * **Power Supplies:** Low-voltage transformers and DC power sources. ---
    ✨ Follow-up Questions
    • ⤷What is the difference between I_hold and I_trip in resettable fuses?
    • ⤷ How does ambient temperature affect the performance of the MF-RX012?
    • ⤷ Can this fuse be used in AC power applications?