Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MH22FCD-R

  • AI
    The **MH22FCD-R** is a specific model of a **Miniature Intermediate Power Relay**, typically manufactured by brands like **Megatone** or **NCR**. It is widely used in automotive, industrial control, and household appliance circuits to switch high-current loads using a low-current signal. --- ## 1. Technical Specifications The part number "MH22FCD-R" follows a standard nomenclature for electromagnetic relays. Below are the primary electronic characteristics: | Parameter | Specification | | :--- | :--- | | **Coil Voltage** | Typically 12V DC or 24V DC (Model dependent) | | **Contact Arrangement** | 1 Form C (SPDT - Single Pole Double Throw) | | **Contact Rating (Resistive)** | 10A to 15A @ 120VAC / 7A @ 250VAC | | **Maximum Switching Power** | 1200 VA / 210 W | | **Coil Power Consumption** | Approx. 0.36W (Standard sensitivity) | | **Insulation Resistance** | 100MΩ Min at 500VDC | | **Dielectric Strength** | 750VAC (between open contacts) / 1500VAC (coil to contacts) | --- ## 2. Component Breakdown The MH22FCD-R consists of several internal electronic and mechanical parts: ### A. The Coil (Actuator) The "input" side of the relay. When current flows through this copper winding, it creates a magnetic field. * **Material:** Fine enameled copper wire. * **Protection:** Often includes a "Sealed" or "Flux-proof" plastic housing (indicated by the 'C' or 'D' in the suffix). ### B. The Contacts (Switching Element) The "output" side that handles the load. * **Material:** Silver Alloy (AgSnO2 or AgCdO) to resist arcing and welding. * **Configuration:** Includes a **Common (COM)** terminal, a **Normally Closed (NC)** terminal, and a **Normally Open (NO)** terminal. ### C. The Armature and Spring A mechanical linkage that moves when the coil is energized, snapping the contacts from the NC position to the NO position. --- ## 3. Part Number Suffix Decoding While coding varies slightly by manufacturer, the **"MH22F"** series usually follows this logic: * **MH22F**: Model Series (Miniature Power Relay). * **C**: Denotes the contact form (C = 1 Form C / SPDT). * **D**: Denotes the sealing type (D = Sealed type, S = Sealed/Washable). * **-R**: Often signifies **RoHS Compliance** (Restriction of Hazardous Substances), ensuring the use of lead-free solders and materials. --- ## 4. Typical Applications * **Smart Home:** Controlling light switches or motorized blinds. * **Automotive:** Power window controls or central locking systems. * **HVAC:** Turning on compressors or fan motors in air conditioning units. * **Industrial:** Interface relays between a PLC (Programmable Logic Controller) and a heavy motor.
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the MH22FCD-R relay?
    • ⤷ Can this relay be used to switch DC loads higher than 30V?
    • ⤷ What is the expected mechanical life cycle (operations) of this component?