MH34FAD-R
AI

The **MH34FAD-R** is an electronic component primarily classified as a **Hall Effect Sensor IC**, typically utilized in brushless DC (BLDC) motor applications and position sensing.
---
## 1. Technical Specifications
Below is a summary of the core electronic characteristics of the MH34FAD-R:
| Parameter | Specification |
| :--- | :--- |
| **Component Type** | Hall Effect Sensor (Latching type) |
| **Operating Voltage (Vcc)** | 3.0V to 24V |
| **Output Current** | 25mA (Continuous) |
| **Operating Temperature** | -40°C to +125°C |
| **Package Type** | SOT-23 or TO-92S |
| **Magnetic Sensitivity** | High sensitivity (Typical ±30 Gauss) |
---
## 2. Pin Configuration
The device usually comes in a 3-pin package. The standard configuration for the SOT-23 version is as follows:
1. **VDD (Pin 1):** Power supply input (3V - 24V).
2. **OUT (Pin 2):** Open-drain output. Requires a pull-up resistor.
3. **GND (Pin 3):** Common ground.
---
## 3. Key Electronic Features
* **Latching Operation:** The MH34FAD-R is a "latch" type sensor. This means it turns **ON** when it detects a South magnetic pole and remains ON even if the field is removed. It only turns **OFF** when it detects a North magnetic pole.
* **Open-Drain Output:** The output stage is an NPN transistor. This allows the sensor to interface easily with various logic levels (3.3V, 5V, etc.) by connecting the pull-up resistor to the desired logic voltage.
* **Reverse Voltage Protection:** It typically includes internal protection to prevent damage if the power supply polarity is accidentally reversed.
* **Temperature Stability:** Designed to maintain consistent magnetic switching points across a wide temperature range, making it suitable for automotive and industrial environments.
---
## 4. Common Applications
* **BLDC Motors:** Used for commutation (detecting rotor position to switch phases).
* **Speed Sensing:** Measuring the RPM of rotating parts by detecting passing magnets.
* **Magnetic Encoders:** Providing digital feedback for position control.
* **Proximity Switches:** Non-contact limit switching in industrial machinery.
- ⤷
What is the recommended value for the pull-up resistor on the OUT pin?
- ⤷ Can this sensor be used for linear distance measurement instead of switching?
- ⤷ How does the 'latching' behavior differ from a 'bipolar' Hall effect sensor?