Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MH35TDG-R

  • AI
    The **MH35TDG-R** is a specific model of a **brushless DC (BLDC) motor**, commonly used in HVAC systems, fan units, and high-efficiency air conditioning equipment. These motors are integrated "smart" motors, meaning they contain both the mechanical motor components and the electronic control circuitry within a single housing. --- ## 1. Core Electronic Components The "brains" of the MH35TDG-R are located on an internal PCB (Printed Circuit Board). Below are the primary electronic parts: | Component | Function | | :--- | :--- | | **Inverter (IPM)** | Converts DC voltage into 3-phase AC power to drive the motor windings. | | **Microcontroller (MCU)** | Processes input signals (PWM/Analog) and manages motor timing and speed. | | **Hall Effect Sensors** | Detects the rotor's position to ensure smooth synchronization and startup. | | **Rectifier Bridge** | Converts incoming AC mains power to high-voltage DC (if AC-powered). | | **Electrolytic Capacitors** | Filters voltage ripples and stores energy for the high-voltage DC bus. | --- ## 2. Technical Specifications While specific datasheets can vary by manufacturer (often associated with brands like Panasonic or specialized HVAC OEMs), the electronic profile typically follows these parameters: ### Power & Control * **Voltage Range:** Usually operates on high-voltage DC (approx. 280V - 340V) or standard AC mains depending on the specific drive configuration. * **Speed Control:** Utilizes **Pulse Width Modulation (PWM)** or a 0-10V DC analog signal to adjust RPM. * **Feedback Loop:** Provides a **FG (Frequency Generator)** signal output, allowing the main system controller to monitor the actual RPM. --- ## 3. Wiring and Interface The electronic interface usually consists of a 5-wire or 6-wire connector. The standard configuration is as follows: | Pin Color (Common) | Signal Name | Description | | :--- | :--- | :--- | | **Red** | Vdc | High Voltage DC Power (300V+) | | **Black** | GND | Common Ground | | **White** | Vcc | Low Voltage Logic Power (15V) | | **Yellow** | Vsp | Speed Control Signal (0-5V or PWM) | | **Blue** | FG | Speed Feedback (Tachometer) | --- ## 4. Key Electronic Features * **Soft Start:** The internal electronics gradually ramp up the current to prevent sudden mechanical stress and electrical surges. * **Protection Circuitry:** Includes Over-Current Protection (OCP), Over-Temperature Protection (OTP), and Locked Rotor Protection. * **High Efficiency:** Because it uses an electronic commutator instead of carbon brushes, there is significantly less EMI (Electromagnetic Interference) and higher energy efficiency.
    ✨ Follow-up Questions
    • ⤷ What are the common failure symptoms of the MH35TDG-R control board?
    • ⤷ How do I test the FG signal using a multimeter?
    • ⤷ Can this motor be bypassed to run at full speed without a controller?