MH46TAG-R
AI

Based on the provided model number **MH46TAG-R**, this refers to a specific type of **RFID Transponder/Immobilizer Key** commonly used in automotive applications (particularly for Mitsubishi and Suzuki vehicles).
Below is a detailed breakdown of the electronic components and technical specifications related to this part.
---
### 1. Technical Specifications
The "46" in the model name signifies the use of the **HITAG 2** protocol, which is an industry standard for vehicle security.
| Feature | Specification |
| :--- | :--- |
| **Chip Type** | PCF7936 (HITAG 2) |
| **Frequency** | 125 kHz (Low Frequency) |
| **Data Protocol** | Manchester encoding / Biphase |
| **Memory Size** | 256 bits (EEPROM) |
| **Security** | 48-bit Secret Key |
| **Operating Mode** | Password mode / Crypto mode |
---
### 2. Core Electronic Components
The internal structure of the MH46TAG-R is composed of three primary elements:
#### A. The Integrated Circuit (IC)
The heart of the tag is the **NXP PCF7936AS**. This is a high-security CMOS chip that performs the following tasks:
* **Authentication:** Executes the challenge-response algorithm with the vehicle’s ECU.
* **Encryption:** Uses a 48-bit key to prevent unauthorized duplication or "sniffing."
* **Storage:** Holds the unique ID (UID) of the key.
#### B. The Inductive Coil (Antenna)
Since this is a passive RFID tag, it does not have a battery.
* **Function:** It picks up electromagnetic energy from the vehicle's ignition barrel (exciter coil).
* **Construction:** Very fine copper wire wrapped around a ferrite core.
* **Resonance:** Tuned specifically to **125 kHz**.
#### C. The Capacitor
Small surface-mount capacitors are integrated within the transponder housing to form an **LC Resonant Circuit** with the coil. This allows the chip to harvest enough power from the magnetic field to transmit its data back to the reader.
---
### 3. How the Electronics Operate
1. **Induction:** When the key is placed near the ignition, the car's transceiver sends a 125 kHz signal.
2. **Powering Up:** The coil in the MH46TAG-R converts this magnetic field into electrical energy.
3. **Challenge:** The car's computer sends a random number (nonce) to the key.
4. **Computation:** The PCF7936 chip calculates a response using its internal 48-bit secret key.
5. **Response:** The key transmits the encrypted result back. If it matches the ECU's calculation, the engine is allowed to start.
---
### 4. Physical Form Factor
* **Material:** Carbon/Ceramic composite or Plastic wedge.
* **Durability:** Waterproof and resistant to high temperatures, as it is often molded directly into the plastic head of a car key.
- ⤷
What is the difference between PCF7936 and PCF7935 chips?
- ⤷ Can the MH46TAG-R be reprogrammed multiple times?
- ⤷ What equipment is needed to clone a HITAG 2 transponder?