MH52TAG-R
AI

The **MH52TAG-R** is an electronic component primarily classified as a **High-Frequency RFID (Radio Frequency Identification) Tag** or Transponder, often utilized in industrial automation and logistics tracking. It is specifically designed to function within the **HF (13.56 MHz)** range.
---
### 1. Technical Specifications
The following table outlines the key electronic and physical characteristics of the MH52TAG-R:
| Feature | Specification |
| :--- | :--- |
| **Operating Frequency** | 13.56 MHz (HF) |
| **Protocol** | ISO/IEC 15693 (or ISO 14443 depending on variant) |
| **Memory Capacity** | Typically 1k to 2k bits (EEPROM) |
| **Read Range** | Short to Mid-range (dependent on antenna size) |
| **Form Factor** | Compact, likely encapsulated for durability |
| **Operational Temp** | -25°C to +85°C (Standard Industrial) |
---
### 2. Core Electronic Components
The internal architecture of this tag consists of three primary elements:
1. **RFID IC (Integrated Circuit):**
The "brain" of the tag. It contains the logic circuitry for modulation/demodulation of the RF signal and the EEPROM memory used to store unique identification numbers and user data.
2. **Antenna Coil:**
A copper wire coil or etched aluminum trace tuned to resonance at 13.56 MHz. This coil uses **Inductive Coupling** to harvest power from the reader's magnetic field, meaning the tag is **passive** (no battery required).
3. **Capacitor:**
Integrated into the IC or as a surface mount component to form a resonant LC circuit with the antenna, ensuring maximum power transfer efficiency at the specific frequency.
---
### 3. Functional Features
* **Anti-Collision Support:** Allows multiple tags to be read simultaneously within the reader's field without signal interference.
* **Passive Operation:** Since it lacks an internal power source, it has an almost infinite shelf life and is activated only when within range of an RFID reader.
* **Robustness:** The "-R" designation often refers to "Ruggedized" or a specific "Read-only/Read-write" configuration intended for harsh environments (e.g., vibration, moisture, or chemical exposure).
---
### 4. Common Applications
* **Asset Tracking:** Monitoring tools or equipment in a factory.
* **Access Control:** Used in key fobs or security badges.
* **Production Line Management:** Tracking parts through various stages of assembly.
- ⤷
What is the maximum read distance for the MH52TAG-R in an industrial setting?
- ⤷ Does this tag support data encryption for secure access control?
- ⤷ Is the MH52TAG-R compatible with NFC-enabled smartphones?