MH61TAG-R
AI

The **MH61TAG-R** is a specific electronic component primarily associated with **RFID (Radio Frequency Identification)** technology. Specifically, it refers to a glass transponder (tag) often used for animal identification or specialized industrial tracking.
---
## 1. Core Specifications
The MH61TAG-R is typically manufactured by companies specializing in glass-encapsulated RFID tags (such as HID Global or specific industrial suppliers).
| Feature | Description |
| :--- | :--- |
| **Technology** | Passive RFID (Low Frequency) |
| **Frequency** | 125 kHz or 134.2 kHz (ISO 11784/11785 compliant) |
| **Material** | Biocompatible Glass (Schott 8625 or equivalent) |
| **Dimensions** | Typically 2.12mm x 12mm (Cylindrical) |
| **Memory Type** | Read-Only (R) or OTP (One-Time Programmable) |
---
## 2. Internal Electronic Architecture
Internally, the tag consists of three primary electronic sub-components:
### A. The IC (Integrated Circuit)
The "brain" of the tag. It contains:
* **Memory:** A unique 64-bit or 128-bit identification code.
* **Rectifier:** Converts the electromagnetic field from the reader into DC power.
* **Modulator:** Sends data back to the reader by varying the load on the antenna (Load Modulation).
### B. The Antenna Coil
A micro-coil made of ultra-fine copper wire wound around a ferrite core.
* **Function:** It acts as an inductor, picking up energy via magnetic induction from the RFID reader’s signal.
### C. The Capacitor
* **Function:** Works in parallel with the antenna coil to create a **Resonant LC Circuit** tuned specifically to the target frequency (e.g., 134.2 kHz).
---
## 3. Key Electronic Characteristics
### Passive Operation
The device has **no internal battery**. It remains dormant until it enters the electromagnetic field of a compatible reader. The magnetic field induces a small current in the coil, which powers the IC to broadcast its ID.
### Encapsulation (The Glass Shell)
The "TAG-R" designation often implies a **Ruggedized** or **Glass** housing.
* **Hermetic Seal:** Protects the electronics from moisture, body fluids, or chemical exposure.
* **Biocompatibility:** If used for livestock or pets, the glass is coated to prevent migration (moving under the skin).
---
## 4. Common Applications
1. **Animal Identification:** Injected under the skin of pets, livestock, or fish for lifetime tracking.
2. **Asset Management:** Embedded into tools or high-value equipment for inventory.
3. **Industrial Automation:** Used in harsh environments where plastic tags would melt or corrode.
---
- ⤷
What is the maximum reading distance for the MH61TAG-R?
- ⤷ Is the MH61TAG-R compatible with standard 13.56MHz NFC readers?
- ⤷ How is the data programmed onto the MH61TAG-R during manufacturing?