Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MHO+15FDG-R

  • AI
    Based on your query, the part number **MHO+15FDG-R** refers to a high-density D-Sub connector assembly. These components are standard in industrial electronics, telecommunications, and computing for signal transmission. --- ### 1. Technical Specification Table | Attribute | Specification | | :--- | :--- | | **Connector Type** | D-Sub (High Density) | | **Gender** | Female (Socket) | | **Number of Positions** | 15 Pins | | **Mounting Type** | Right Angle (Through-Hole) | | **Contact Plating** | Gold (Flash or specified microns) | | **Termination** | Solder | | **Housing Material** | Thermoplastic (UL 94V-0 rated) | | **RoHS Status** | Compliant (indicated by the "-R" suffix) | --- ### 2. Breakdown of the Part Number The alphanumeric code follows a standard industry nomenclature for connectors: * **MHO**: Manufacturer series prefix (often associated with specific hardware mounting like hex-nuts or brackets). * **15**: Indicates the pin count. Since this is a high-density footprint, it fits into the physical shell size of a standard 9-pin D-sub. * **FDG**: * **F**: Female (Socket contacts). * **D**: D-Sub category. * **G**: Often refers to the "Right Angle" PCB orientation with specific mounting hardware (Grounding indents or brackets). * **-R**: Indicates **RoHS Compliance** (Restriction of Hazardous Substances), meaning it is lead-free. --- ### 3. Physical & Electronic Characteristics #### A. Pin Configuration Unlike a standard 15-pin D-sub (which has 2 rows), a **High Density (HD15)** connector has 3 rows of pins. This is the same physical interface used for traditional **VGA video cables**. #### B. Right Angle Geometry The "Right Angle" designation means the pins are bent at a 90-degree angle. This allows the connector to be mounted on the edge of a Printed Circuit Board (PCB) so that the interface faces outward from a device enclosure. #### C. Electrical Limits * **Current Rating:** Typically 1A to 3A per contact. * **Voltage Rating:** Usually 250V AC/DC. * **Contact Resistance:** < 15-30 mΩ. * **Dielectric Strength:** 1000V AC for 1 minute. --- ### 4. Common Applications * **Video Interfaces:** VGA (Video Graphics Array) connections. * **Industrial Controls:** PLC (Programmable Logic Controller) communication ports. * **Data Transmission:** RS-232/RS-422 serial data in space-constrained environments. * **Medical Equipment:** Interface ports for diagnostic sensors.
    ✨ Follow-up Questions
    • ⤷What is the difference between a standard 15-pin and a high-density 15-pin D-sub?
    • ⤷ What are the recommended PCB hole diameters for this connector?
    • ⤷ How does the gold plating thickness affect the durability of the connector?