MHO+22FGD-R
AI

The **MHO+22FGD-R** typically refers to a specialized **Magnetic Proximity Sensor** or a **Limit Switch assembly**, often utilized in industrial automation, pneumatic cylinder position sensing, or gate control systems.
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. General Specifications
This part is designed to detect the presence of a magnetic field (usually from a magnet mounted on a piston or moving part) to complete an electrical circuit.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Sensor Type** | Magnetic Reed Switch / Solid State |
| **Output Type** | Normally Open (NO) |
| **Operating Voltage** | 5V - 240V AC/DC (varies by specific model) |
| **Switching Current** | 100mA Max |
| **Contact Rating** | 10W Max |
| **Indicator** | Red LED (usually denoted by the "R" suffix) |
---
### 2. Internal Electronic Parts
The device consists of several key electronic components housed within the plastic/metal casing:
#### A. The Sensing Element (Reed Switch)
* **Composition:** Two ferromagnetic blades (reeds) hermetically sealed in a glass envelope.
* **Function:** When a magnetic field approaches, the blades become polarized and attract each other, closing the circuit.
#### B. LED Indicator Circuit
* **LED (Red):** The "R" in the model number typically signifies a Red LED indicator.
* **Resistor:** A current-limiting resistor is wired in series with the LED to prevent it from burning out when the operating voltage is applied.
* **Purpose:** Provides visual feedback to the operator that the sensor has been triggered.
#### C. Protection Components
* **Varistor/Zener Diode:** Often included to protect the internal reed contacts from voltage spikes (EMF) caused by inductive loads like solenoids or relays.
---
### 3. Wiring Configuration
Most MHO series sensors use a standard 2-wire configuration for ease of installation.
| Wire Color | Function | Description |
| :--- | :--- | :--- |
| **Brown** | Positive (+) | Connects to the Power Source (Load Side) |
| **Blue** | Negative (-) | Connects to the Common/Neutral |
---
### 4. Application Logic
The electronic operation follows this sequence:
1. **Standby:** The reeds are separated; the circuit is open; the LED is OFF.
2. **Activation:** A magnet moves within the sensing range (Sensitivity range usually 5-10mm).
3. **Conduction:** The reeds touch; current flows through the load and the internal LED; the LED turns ON.
---
### 5. Installation Diagram (Conceptual)
```mermaid
graph LR
A[Power Source +] --> B[Load/PLC Input]
B --> C(Brown Wire)
C --> D[MHO+22FGD-R Sensor]
D --> E(Blue Wire)
E --> F[Power Source -]
```
- ⤷
What is the maximum switching frequency for this sensor model?
- ⤷ Can this sensor be used with a 3-wire NPN/PNP configuration?
- ⤷ How does the 'FGD' designation differ from standard MHO models?