MHO+46FBD-R
AI

Based on the part number **MHO+46FBD-R**, this component is a specialized **Crystal Oscillator** typically manufactured by **MtronPTI**.
Below is a detailed breakdown of its electronic characteristics and specifications.
---
## 1. General Specifications
The MHO series represents a line of high-reliability, metal-can (DIP) packaged crystal oscillators.
| Parameter | Specification |
| :--- | :--- |
| **Part Type** | Crystal Clock Oscillator |
| **Package Style** | 14-pin DIP (Standard metal can, 4-pins used) |
| **Output Type** | HCMOS / TTL Compatible |
| **Supply Voltage ($V_{DD}$)** | Usually 5.0V (Standard for MHO series) |
| **Termination** | Through-hole |
---
## 2. Part Number Breakdown (MHO+46FBD-R)
The nomenclature defines the specific environmental and electrical tolerances:
* **MHO**: Series designation (14-pin DIP, 5.0V Oscillator).
* **+**: RoHS Compliant (Lead-free).
* **4**: Stability code. This typically signifies a frequency stability of **±50 ppm**.
* **6**: Operating Temperature code. Usually represents **-40°C to +85°C** (Industrial Grade).
* **F**: Symmetry/Duty Cycle. Typically indicates a **45/55%** duty cycle.
* **BD**: Specific frequency or internal revision code (requires specific manufacturer datasheet for the exact MHz value, often 1.000 to 100.000 MHz).
* **-R**: Packaging suffix (e.g., Tube or Tray).
---
## 3. Key Electronic Characteristics
### Power and Signal
* **Current Consumption:** Typically ranges from 15mA to 60mA depending on the target frequency.
* **Logic Levels:**
* Logic High ($V_{OH}$): 90% of $V_{DD}$ minimum.
* Logic Low ($V_{OL}$): 10% of $V_{DD}$ maximum.
* **Rise/Fall Time:** Fast transition times (usually < 6ns) to support high-speed digital logic.
### Physical Design
The metal package acts as a Faraday cage, providing excellent **EMI (Electromagnetic Interference) shielding**. This makes it ideal for sensitive communication equipment or industrial controllers where noise immunity is critical.
---
## 4. Pin Configuration (14-Pin DIP)
While the package has 14 pin spots, only 4 pins are physically present or electrically active:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | N/C or Tri-State | No connection or Output Enable/Disable |
| **7** | GND | Case and Circuit Ground |
| **8** | Output | The generated clock signal |
| **14** | $V_{DD}$ | Positive Supply Voltage (+5.0V) |
---
## 5. Typical Applications
* **Microprocessor Clocks:** Providing the heartbeat for CPUs and MCUs.
* **Networking:** Timing for Ethernet and data transmission.
* **Industrial Control:** Reliable timing in harsh temperature environments.
- ⤷
What is the exact frequency associated with the 'BD' code for this part?
- ⤷ Are there 3.3V versions available in the MHO series?
- ⤷ What is the difference between HCMOS and TTL output levels for this oscillator?