Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MHO+48FDG-R

  • AI
    The **MHO+48FDG-R** is a specific industrial-grade **Solid State Relay (SSR)** manufactured by **MGR Controls** (often associated with Crouzet or similar industrial automation brands). It is designed for high-power switching applications in demanding environments. --- ## Technical Specifications The part number follows a specific nomenclature that defines its electronic characteristics: | Component | Description | Specification | | :--- | :--- | :--- | | **Relay Type** | Solid State Relay (SSR) | Panel Mount / Hockey Puck | | **Input Voltage (Control)** | DC Control | 4 - 32 VDC | | **Output Voltage (Load)** | AC Voltage | 48 - 660 VAC | | **Max Load Current** | Amperage | 50A - 75A (Series dependent) | | **Switching Type** | Zero Cross | Switches at zero voltage to reduce EMI | | **Isolation** | Input to Output | 4000 Vrms | --- ## Core Electronic Components Internally, the MHO+48FDG-R consists of several key electronic sections: ### 1. The Input (Control) Circuit * **Optoisolator:** This is the most critical internal part. It uses an LED and a photosensitive triac/transistor to transfer the signal from the input to the output using light. This provides electrical isolation, protecting the low-voltage controller (like a PLC) from the high-voltage load. * **Current Limiter:** Internal resistors ensure the input LED does not burn out when connected to the 4-32VDC range. ### 2. The Zero-Crossing Detector * This circuit monitors the AC sine wave of the load. It ensures that the power stage only turns on when the AC voltage is at or near **0V**. This prevents high "inrush" current spikes and minimizes electromagnetic interference (EMI). ### 3. The Power Output Stage (Switching) * **Back-to-Back Thyristors (SCRs):** Unlike cheaper SSRs that use a single Triac, high-current industrial units like the "48FDG" series use two Silicon Controlled Rectifiers (SCRs) in parallel. This allows for better heat dissipation and higher dv/dt (voltage spike) resistance. * **Snubber Circuit:** An internal RC (Resistor-Capacitor) network that protects the SCRs from sudden voltage surges and transient noise from inductive loads (like motors). ### 4. Thermal Management * **Copper/Ceramic Baseplate:** The internal components are mounted on a Direct Bonded Copper (DBC) substrate or a ceramic plate to move heat efficiently from the SCRs to the external metal baseplate. --- ## Connection Diagram (Typical) ```text CONTROL (Input) LOAD (Output) +--------------+ +--------------+ | (3) + (4) -| | (1) ~ (2) ~| +---|-------|--+ +---|-------|--+ | | | | 4-32VDC Ground AC Line Load ``` --- ## Key Features for Electronics Design 1. **High Transient Protection:** Built-in protection against overvoltage. 2. **No Moving Parts:** Because it is purely electronic, it has an infinite life cycle compared to mechanical relays, provided it is cooled properly. 3. **Low Logic Level:** Can be driven directly by a microcontroller or a PLC output.
    ✨ Follow-up Questions
    • ⤷ What is the maximum thermal resistance allowed for the heatsink when using this relay at 50A?
    • ⤷ Can this SSR be used to control a DC load instead of an AC load?
    • ⤷ What are the primary differences between the MHO series and the MNG series?