Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • ML2010EL-R005-FB

  • AI
    The **ML2010EL-R005-FB** is a precision **Current Sense Resistor** (Shunt Resistor) designed for high-accuracy current monitoring. This specific part belongs to a class of metal foil or metal plate resistors characterized by extremely low resistance values. ### 1. Component Breakdown (Naming Convention) | Segment | Description | Meaning | | :--- | :--- | :--- | | **ML** | Series | Metal Alloy / Low Ohmic Series | | **2010** | Case Size | EIA 2010 (approx. 5.0mm x 2.5mm) | | **EL** | Termination | Standard or Enhanced Leads (solderable construction) | | **R005** | Resistance | **0.005 Ohms (5mΩ)** | | **F** | Tolerance | **±1%** | | **B** | Packaging | Bulk or Specific Reel type (Manufacturer dependent) | --- ### 2. Key Technical Specifications These parts are engineered to minimize energy loss while providing a measurable voltage drop for microcontrollers or power management ICs. * **Resistance Value:** 5 mΩ ($0.005 \Omega$). * **Power Rating:** Typically ranges from **0.5W to 1W** depending on the specific substrate and thermal management. * **Tolerance:** ±1% (High precision). * **TCR (Temperature Coefficient of Resistance):** Usually very low (e.g., ±50ppm/°C to ±100ppm/°C), ensuring the resistance doesn't drift significantly as the part heats up. * **Technology:** Metal plate/alloy construction for high stability and low inductance. --- ### 3. Functional Applications The ML2010EL-R005-FB is primarily used in **Current Sensing** circuits via Ohm's Law ($V = I \times R$). * **Battery Management Systems (BMS):** Monitoring charge and discharge cycles in Li-ion packs. * **DC-DC Converters:** Providing feedback for over-current protection (OCP). * **Motor Control:** Detecting phase currents in small brushless DC motors. * **Power Supplies:** Regulating output current in telecommunications or industrial equipment. --- ### 4. Implementation Example (Basic Calculation) If you pass **10 Amperes** of current through this resistor, the voltage drop measured across it would be: ```python # Ohm's Law: V = I * R current = 10.0 # Amperes resistance = 0.005 # Ohms voltage_drop = current * resistance print(f"Voltage Drop: {voltage_drop}V (or 50mV)") ``` *Note: At 10A, the power dissipated would be $P = I^2R = 100 \times 0.005 = 0.5W$. This is at the limit of most 2010 package ratings, requiring good PCB heat sinking.*
    ✨ Follow-up Questions
    • ⤷ What is the maximum current this resistor can handle without exceeding a 1W power rating?
    • ⤷ How does the TCR (Temperature Coefficient) affect the accuracy of the current reading?
    • ⤷ What are the advantages of using a 4-terminal (Kelvin) connection for this type of resistor?