Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MLG-16-R/

  • AI
    The **MLG-16-R** is an electronic component commonly categorized as a **surface-mount (SMD) multilayer ceramic inductor**. These parts are typically used in high-frequency applications, such as RF (Radio Frequency) circuits, due to their miniature size and stable performance. ### 1. Component Overview The nomenclature usually follows a specific standard among manufacturers (like Murata, TDK, or Samsung): * **MLG**: Multilayer High-Frequency Inductor series. * **16**: Refers to the physical package size (**0603** in inch code / **1608** in metric code). * **R**: Often indicates the decimal point for the inductance value or a specific tolerance/material grade. --- ### 2. Technical Specifications Below are the typical specifications for a standard 1608-sized multilayer inductor of this series: | Parameter | Typical Value | | :--- | :--- | | **Inductance Range** | 1.0 nH to 100 nH (depending on the full code) | | **Package Size** | 0603 (1.6mm x 0.8mm) | | **Q-Factor** | High (optimized for RF) | | **Material** | Ceramic | | **Mounting Type** | Surface Mount (SMD/SMT) | | **Self-Resonant Frequency (SRF)** | High (GHz range) | --- ### 3. Key Electronic Characteristics #### A. High-Frequency Performance Unlike standard wire-wound inductors, the **MLG series** uses a multilayer ceramic structure. This minimizes stray capacitance, allowing the component to function effectively at frequencies exceeding 1 GHz. #### B. Miniature Form Factor The 1608 (0603) size is standard for modern PCB designs, balancing ease of automated assembly with a small footprint suitable for mobile devices and compact electronics. #### C. Tight Tolerances These parts are often manufactured with very tight tolerances (e.g., ±0.3nH or ±5%), which is critical for impedance matching and filter accuracy in communication hardware. --- ### 4. Common Applications 1. **Impedance Matching**: Used in the input/output stages of RF power amplifiers. 2. **Filtering**: Part of Low-Pass (LPF) or High-Pass (HPF) circuits in mobile phones and Wi-Fi modules. 3. **Resonance Circuits**: Used in VCOs (Voltage Controlled Oscillators) and Bluetooth modules. 4. **Decoupling**: Filtering high-frequency noise in sensitive digital signal lines. ---
    ✨ Follow-up Questions
    • ⤷ What are the specific inductance values available for the MLG-16-R series?
    • ⤷ How does a multilayer inductor differ from a wire-wound inductor in terms of performance?
    • ⤷ What is the meaning of the 'R' suffix in different manufacturer naming conventions?