Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MMB02070B3JB2

  • AI
    The **MMB02070B3JB2** is a professional-grade **MELF (Metal Electrode Leadless Face)** resistor manufactured by Vishay Beyschlag. It is designed for high-reliability applications where stability and precision are critical. --- ### 1. Technical Specifications The part number follows a specific nomenclature that defines its electrical characteristics. | Parameter | Specification | | :--- | :--- | | **Series** | MMB 0207 (Professional MELF) | | **Resistance Value** | Defined by the "3JB" code (typically 3.3 $\Omega$ or 33 $\Omega$ depending on suffix) | | **Tolerance** | $\pm$ 5% (indicated by 'J') | | **Power Rating** | 1.0 W (at 70°C) | | **Operating Voltage** | 350 V | | **Temperature Coefficient** | $\pm$ 50 ppm/K | | **Operating Temp Range** | -55°C to +155°C | --- ### 2. Physical Design (MELF Package) Unlike standard rectangular SMD resistors (thick film), the MMB0207 uses a **cylindrical** MELF package. * **Construction:** Metal film layer on a high-grade ceramic body with carbon or metal end caps. * **Dimensions:** 0207 size (approx. 5.8 mm length × 2.2 mm diameter). * **Benefits:** * Superior pulse load capability. * Excellent thermal dissipation compared to flat chips. * High moisture resistance (lacquer coating). --- ### 3. Key Advantages The MMB0207 series is chosen over standard SMD resistors for several reasons: 1. **Pulse Stability:** The cylindrical design allows for a larger resistive element area, making it highly resistant to power surges. 2. **Long-term Stability:** It features very low drift ($\Delta R/R$) over thousands of hours of operation. 3. **Environmental Protection:** It is often AEC-Q200 qualified (automotive grade) and features high sulfur resistance. --- ### 4. Typical Applications * **Automotive:** Engine control units (ECU), lighting systems, and braking electronics. * **Industrial:** Power supplies, frequency converters, and measurement equipment. * **Telecommunications:** Base stations and infrastructure hardware. * **Lighting:** LED drivers and ballasts where heat and voltage spikes are common.
    ✨ Follow-up Questions
    • ⤷What is the difference between a MELF resistor and a standard thick-film SMD resistor?
    • ⤷ How do I interpret the '3JB2' part of the Vishay nomenclature?
    • ⤷ What are the soldering requirements for MELF packages compared to flat chips?