Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MP1110-B-RV

  • AI
    The **MP1110-B-RV** belongs to a high-performance series of **Zoom Camera Blocks** (often manufactured by companies like Sony or specialized OEM module providers). These modules are integrated into drones, surveillance systems, and industrial inspection robots. --- ## 1. Core Electronic Architecture The MP1110-B-RV is a complex optoelectronic system consisting of several specialized layers: | Component | Description | Function | | :--- | :--- | :--- | | **Image Sensor** | High-sensitivity CMOS (often 1/3" type) | Converts light into digital electrical signals. | | **ISP (Image Signal Processor)** | Dedicated onboard processor | Handles noise reduction, white balance, and WDR (Wide Dynamic Range). | | **Lens Control IC** | Motor Driver ICs | Controls the stepper motors for precision zoom and focus. | | **Interface Controller** | LVDS / MIPI / CVBS | Manages the high-speed data transmission to the host controller. | --- ## 2. Key Technical Specifications Below are the typical electronic characteristics of the MP1110 series: ### A. Imaging & Optics - **Resolution:** Full HD (1080p/60fps). - **Optical Zoom:** 10x Optical Zoom (approx. 3.3mm to 33.0mm focal length). - **Digital Zoom:** Usually up to 12x. ### B. Signal Interfaces - **Video Output:** Primarily uses a **30-pin Micro-Coaxial** connector (LVDS) or digital interface for low-latency transmission. - **Control Protocol:** **VISCA** (over UART/TTL). This allows the user to send hex commands to control zoom, focus, and aperture electronically. ### C. Power & Physical - **Voltage Requirement:** Typically 8.0V to 12.0V DC. - **Power Consumption:** ~2.5W to 4.5W (highest during motor movement). --- ## 3. Communication Logic To interact with the electronic parts of the MP1110-B-RV, developers usually implement code via a microcontroller (like an Arduino, ESP32, or STM32) using the VISCA protocol. ```python # Conceptual Python example for sending a "Zoom Tele" command # via Serial (RS232/TTL) to the module. import serial # VISCA Command for Zoom Tele (Standard speed) # Format: [Address, Message, Category, Setting, Terminator] zoom_tele_cmd = b'\x81\x01\x04\x07\x02\xFF' ser = serial.Serial('/dev/ttyUSB0', 9600) ser.write(zoom_tele_cmd) print("Zooming In...") ``` --- ## 4. Notable Features * **Electronic Image Stabilization (EIS):** Uses electronic sensors to compensate for vibration, crucial for drone mounting. * **Auto-ICR (Infrared Cut-filter Removal):** An electronic actuator moves a physical filter for Day/Night switching. * **LVDS Output:** Ensures the high-speed video data is resistant to electromagnetic interference (EMI).
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the 30-pin micro-coaxial connector?
    • ⤷ How does the VISCA protocol differ from Pelco-D for this module?
    • ⤷ Can the MP1110-B-RV be controlled directly via a Raspberry Pi?