Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MP1212-0-RX

  • AI
    The **MP1212-0-RX** is an electronic component primarily associated with **Infrared (IR) Remote Control Receiver** modules. These devices are designed to receive modulated infrared signals (typically from a handheld remote) and convert them into electrical pulses that a microcontroller (like an Arduino or a TV processor) can interpret. --- ### ## 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics of this series: | Parameter | Value (Typical) | Unit | | :--- | :--- | :--- | | **Operating Voltage** | 2.7V to 5.5V | Volts (DC) | | **Carrier Frequency** | 38 kHz (Standard) | kHz | | **Reception Distance** | 10 – 15 | Meters | | **Current Consumption** | 0.5 – 1.5 | mA | | **Peak Wavelength** | 940 | nm | | **Output Type** | Active Low (Digital) | - | --- ### ## 2. Internal Electronic Architecture The MP1212-0-RX is not just a simple photodiode; it is an **Integrated Circuit (IC)** that contains several stages to ensure signal integrity: 1. **Photodiode:** Converts the incoming IR light into a tiny electrical current. 2. **Preamplifier:** Boosts the weak signal from the photodiode. 3. **Automatic Gain Control (AGC):** Adjusts sensitivity to prevent saturation from bright ambient light. 4. **Band Pass Filter:** Specifically tuned to the carrier frequency (e.g., 38kHz) to block out noise from sunlight or fluorescent bulbs. 5. **Demodulator & Schmitt Trigger:** Strips away the 38kHz carrier wave and outputs a clean square-wave digital signal. --- ### ## 3. Pin Configuration These modules almost always feature a 3-pin layout. While you should verify with a specific datasheet, the standard layout is: | Pin Number | Name | Description | | :--- | :--- | :--- | | **Pin 1** | **OUT (Data)** | The demodulated output signal (connect to MCU). | | **Pin 2** | **GND** | Ground / Negative Power Rail. | | **Pin 3** | **VCC** | Positive Power Supply (3.3V or 5V). | --- ### ## 4. Application Circuit Diagram To protect the component and clean the signal, a simple RC filter is recommended in the circuit design: ```c // Example Wiring Logic [Power Source 5V] ---- [100 Ohm Resistor] ----+---- [VCC Pin] | [47uF Capacitor] | [Ground] -------------------------------------+---- [GND Pin] [MCU Digital Pin] <-------------------------------- [OUT Pin] ``` --- ### ## 5. Common Use Cases * **Consumer Electronics:** TV, DVD, and Air Conditioning remote receivers. * **Robotics:** Simple wireless communication between two robots. * **DIY Projects:** Using an old TV remote to toggle lights or motors via an Arduino/ESP32.
    ✨ Follow-up Questions
    • ⤷ What is the significance of the 38kHz frequency in IR receivers?
    • ⤷ How can I test if the MP1212-0-RX is functioning using a multimeter?
    • ⤷ Does this module work with 940nm or 850nm IR transmitters?