Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MPV320R2HJ-R

  • AI
    The **MPV320R2HJ-R** is a specific electronic component belonging to the family of **Metal Oxide Varistors (MOV)**. These parts are primarily used for surge protection and voltage clamping in electronic circuits. Below is a detailed breakdown of its specifications and functions. --- ### 1. General Specifications The part number indicates its physical size, voltage rating, and packaging. Based on standard naming conventions for this series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Metal Oxide Varistor (MOV) | | **Series** | MPV (Medium Power Varistor) | | **Varistor Voltage** | ~320V (Nominal) | | **Mounting Type** | Through-hole (Radial Lead) | | **Packaging** | Tape and Reel (-R suffix) | ### 2. Key Electronic Functions #### A. Overvoltage Protection The primary role of the MPV320R2HJ-R is to protect sensitive downstream electronics from voltage spikes (transients) caused by lightning, inductive load switching, or power surges. #### B. Non-linear Resistance The device acts as a variable resistor: * **Normal Operation:** It has a very high resistance, acting like an open circuit. * **Surge Event:** When the voltage exceeds the threshold (clamping voltage), the resistance drops instantly, shunting the excess current to ground. ### 3. Technical Parameters Table While exact values can vary slightly by manufacturer (often associated with brands like BrightKing or Littelfuse equivalents), typical ratings for a 320V MOV include: | Feature | Typical Value | Description | | :--- | :--- | :--- | | **Max Allowable AC Voltage** | 210V - 250V AC | The maximum continuous operating voltage. | | **Varistor Voltage** | 320V ± 10% | The voltage at which the device begins to conduct 1mA. | | **Clamping Voltage** | ~500V - 600V | The maximum voltage the device allows through during a surge. | | **Energy Rating (Joules)** | 100J - 150J | The amount of energy the device can dissipate in a single event. | | **Peak Surge Current** | 4500A - 6500A | The maximum peak current for an 8/20μs pulse. | --- ### 4. Application Areas * **Power Supplies:** Used in the input stage of SMPS (Switched Mode Power Supplies). * **Home Appliances:** Protecting control boards in washing machines and refrigerators. * **Industrial Equipment:** Surge suppression for motor controllers and PLCs. * **LED Drivers:** Protecting lighting circuits from grid instability. ### 5. Circuit Placement In a typical circuit, the MPV320R2HJ-R is placed **in parallel** with the AC line, usually immediately after the fuse. * **Configuration:** Line to Neutral (L-N) or Line to Ground (L-G). * **Note:** If the varistor fails due to a massive surge, it often fails as a short circuit, which should cause the upstream fuse to blow, safely disconnecting the device.
    ✨ Follow-up Questions
    • ⤷What is the difference between a Varistor and a TVS Diode for surge protection?
    • ⤷ How do I calculate the correct Energy Rating (Joules) for my circuit?
    • ⤷ What are the common failure modes of the MPV320R2HJ-R?