Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MPV3J80B1PJ-R

  • AI
    The **MPV3J80B1PJ-R** is a specific part number belonging to the **MPV series** of high-density power modules, typically manufactured by **Murata Power Solutions**. These components are categorized as **Point-of-Load (PoL)** DC-DC converters designed for high-performance computing and telecommunications environments. --- ### 1. Technical Specifications Overview The following table outlines the core electronic characteristics of the MPV series (standard specifications for this part family): | Parameter | Typical Value / Specification | | :--- | :--- | | **Input Voltage Range** | 8.5V to 14V DC (Nominal 12V) | | **Output Voltage** | Adjustable (typically 0.6V to 2.0V) | | **Max Output Current** | 80 Amps | | **Efficiency** | Up to 90% - 94% | | **Control Interface** | PMBus / I2C Support | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Key Internal Electronic Components The "parts" within this module are integrated into a compact, multi-layered substrate. Key internal systems include: 1. **Synchronous Buck Controller:** The "brain" of the module that manages Pulse Width Modulation (PWM) to step down the voltage. 2. **Power MOSFETs:** High-frequency switching transistors that handle the 80A current load. These are optimized for low RDS(on) to minimize heat. 3. **Integrated Inductors:** Unlike discrete designs, this module includes high-current power inductors inside the package to reduce EMI and save PCB space. 4. **Decoupling Capacitors:** Internal ceramic capacitors manage high-frequency noise and stabilize the input/output ripple. --- ### 3. Functional Features * **PMBus Digital Control:** Allows the system to monitor real-time data such as output current, voltage, and temperature. It also permits the "on-the-fly" adjustment of output parameters via software. * **Multi-Phase Interleaving:** To handle 80A, the module often uses multiple internal phases. This reduces the stress on individual components and lowers output ripple voltage. * **Thermal Protection:** Includes internal temperature sensors that trigger a "Thermal Shutdown" or "Current Throttling" if the module exceeds safe operating temperatures. --- ### 4. Part Number Breakdown (Typical) While internal manufacturer codes vary, the suffix usually indicates packaging: * **-R:** Generally stands for **Tape and Reel** packaging, intended for automated pick-and-place assembly lines. --- ### 5. Application Circuit Example A simplified representation of how this part is integrated into a system: ```markdown [12V Source] ----> [Input Capacitors] ----> [MPV3J80B1PJ-R] ----> [Output Capacitors] ----> [FPGA/ASIC Load] ^ | | v [PMBus] <--- [Microcontroller] ```
    ✨ Follow-up Questions
    • ⤷ What is the thermal derating curve for this 80A module?
    • ⤷ Does this part require external output capacitors for stability?
    • ⤷ What are the specific PMBus commands supported by the MPV3J80B series?