Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • MTSZ5259CWS

  • AI
    ## Technical Overview of MTSZ5259CWS The **MTSZ5259CWS** is a surface-mount Zener diode. Zener diodes are specialized semiconductor devices designed to allow current to flow in reverse when a specific, set voltage—known as the Zener voltage—is reached. This specific part is commonly used for voltage regulation and protection in compact electronic circuits. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical characteristics of the MTSZ5259CWS: | Parameter | Specification | Description | | :--- | :--- | :--- | | **Zener Voltage ($V_z$)** | 39V | The nominal voltage at which the diode begins to conduct in reverse. | | **Power Dissipation ($P_d$)** | 200mW | The maximum power the device can safely dissipate. | | **Package Type** | SOD-323 | A small-outline, surface-mount plastic package. | | **Tolerance** | ±2% (C-Grade) | The "C" suffix indicates a tight voltage tolerance. | | **Operating Temperature** | -55°C to +150°C | The thermal range for safe operation. | --- ### 2. Physical Characteristics and Pinout The device is housed in a **SOD-323** package, which is ideal for high-density circuit boards (e.g., smartphones, laptops). * **Anode:** The positive terminal (unmarked side). * **Cathode:** The negative terminal, typically marked with a **band** or line on the package. In a standard regulator circuit, the cathode is connected to the higher potential (reverse-biased). --- ### 3. Functional Applications The MTSZ5259CWS is typically utilized in the following scenarios: 1. **Voltage Regulation:** Maintaining a steady 39V output despite fluctuations in input voltage or load current. 2. **Overvoltage Protection:** Acting as a "clamp" to prevent sensitive downstream components from seeing voltages higher than 39V. 3. **Voltage Referencing:** Providing a stable reference point for analog-to-digital converters (ADCs) or comparator circuits. --- ### 4. Circuit Implementation Example Below is a simple representation of how to use this Zener diode as a voltage regulator: ```text Input Voltage (Vin > 39V) | [ R_series ] | +----(Output: 39V stabilized) | [ Zener Diode (MTSZ5259CWS) ] <-- Connected in reverse bias | GND ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the maximum reverse leakage current for the MTSZ5259CWS?
    • ⤷ How does the 'C' tolerance suffix differ from 'B' or 'A' suffixes?
    • ⤷ What is the recommended series resistor value for a 48V input supply?