AI

Based on the part number **MVH65V2CG-R**, this component is a high-performance **Surface Mount (SMD) Aluminum Electrolytic Capacitor**, typically manufactured by **United Chemi-Con (UCC)**. It belongs to the **MVH Series**, which is designed for high temperature and low impedance applications.
---
## 1. Technical Specifications
Below are the key electronic parameters derived from the part number coding:
| Feature | Specification | Details |
| :--- | :--- | :--- |
| **Series** | MVH | Low impedance, high temperature (125°C) |
| **Voltage Rating** | 65V | Rated DC Working Voltage |
| **Capacitance** | *Varies (see note)* | Usually denoted by the middle digits |
| **Case Size Code** | 2CG | Refers to diameter and length (e.g., 10x10.5mm) |
| **Temperature Range** | -40°C to +125°C | Designed for harsh environments |
| **Tolerance** | ±20% (M) | Standard industry tolerance |
| **RoHS Status** | Compliant (-R) | Lead-free construction |
---
## 2. Key Characteristics
### A. High Reliability (125°C)
The MVH series is specifically engineered to withstand high ambient temperatures. While standard capacitors are rated at 85°C or 105°C, this part is rated for **125°C**, making it suitable for automotive and industrial power supplies.
### B. Low Impedance & High Ripple Current
* **Low ESR:** Designed to minimize energy loss during charging/discharging cycles.
* **Ripple Current:** Capable of handling significant AC currents superimposed on the DC signal, which is critical for voltage regulation.
### C. Surface Mount Design (V-Chip)
The "V" in the series often designates a vertical chip (V-Chip) construction. This allows for automated pick-and-place assembly on PCBs, saving space compared to radial (through-hole) capacitors.
---
## 3. Typical Applications
The MVH65V2CG-R is commonly found in circuits requiring high durability:
1. **Automotive Electronics:** Engine Control Units (ECU), lighting systems, and sensors.
2. **DC-DC Converters:** Smoothing output voltage in power modules.
3. **Industrial Equipment:** Inverters and motor drive controllers.
4. **Telecommunications:** Power backup and filtering in base stations.
---
## 4. Part Number Breakdown Logic
* **MVH:** Series Name (Low Impedance, 125°C).
* **65V:** Voltage rating (65 Volts).
* **2CG:** Case size designation (Diameter x Height).
* **-R:** RoHS compliance / Tape & Reel packaging indicator.
---
- ⤷
What is the rated lifetime (in hours) of the MVH series at 125°C?
- ⤷ Are there specific soldering reflow profiles recommended for the 2CG case size?
- ⤷ How does the MVH series compare to the MVE or MVK series from United Chemi-Con?