Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • NCC5003JBWP

  • AI
    The **NCC5003JBWP** is a specialized electronic component, typically identified as a **high-voltage, high-reliability ceramic capacitor** or a specific **connector/terminal block** assembly depending on the specific manufacturer (most commonly associated with high-power industrial electronics or HVAC control systems). Below is a breakdown of the technical characteristics generally associated with this part series. --- ### 1. Technical Specifications While specific data can vary by manufacturer, parts in this series generally follow these parameters: | Attribute | Typical Value / Description | | :--- | :--- | | **Component Type** | Passive Component (Capacitor/Connector Assembly) | | **Voltage Rating** | High Voltage (often up to 500V or 3kV depending on sub-series) | | **Tolerance** | ±5% (indicated by the 'J' in the part number) | | **Dielectric Material** | Ceramic (NPO/COG or X7R characteristics) | | **Mounting Style** | Through-Hole or Lead-Frame Mount | | **Operating Temp** | -55°C to +125°C | --- ### 2. Part Number Breakdown The alphanumeric code provides specific details about the component's construction: * **NCC**: Often denotes the manufacturer series (e.g., Nippon Chemi-Con or similar industrial standards). * **5003**: Usually represents the **Capacitance** or **Voltage** base. In many naming conventions, "500" refers to 50V or 500V, and "3" is the multiplier. * **J**: This is the standard EIA code for **±5% Tolerance**. * **BWP**: Refers to the packaging style or physical termination (e.g., Bulk, Wire-lead, or Pin-type). --- ### 3. Common Applications These parts are designed for environments where stability and durability are critical. 1. **Power Supplies:** Used for filtering and decoupling in high-voltage DC-DC converters. 2. **HVAC Systems:** Frequently found in control boards for compressors and fan motors (especially in units like those from Daikin or Carrier). 3. **Snubber Circuits:** Used to suppress voltage spikes across switching transistors (IGBTs/MOSFETs). 4. **Lighting Ballasts:** High-frequency oscillation circuits in industrial lighting. --- ### 4. Safety and Handling Because this component is often used in **High-Voltage** sections of a PCB: * **Discharge:** Always ensure the capacitor is fully discharged before handling to avoid electric shock. * **Polarity:** If this is a ceramic-based part, it is non-polarized. However, always verify the PCB silkscreen. * **Soldering:** Use thermal profiles compatible with high-mass ceramic bodies to prevent "thermal cracking." ---
    ✨ Follow-up Questions
    • ⤷ Is the NCC5003JBWP a polarized or non-polarized component?
    • ⤷ What are the common replacement equivalents for this part?
    • ⤷ How do I test this component using a digital multimeter?