AI

The **NET-50** series, typically associated with Mean Well’s triple-output switching power supplies, is a widely used industrial component designed to convert AC line voltage into multiple DC rails.
Below is a breakdown of its electronic composition, architecture, and specifications.
---
## 1. Internal Architecture & Components
The NET-50 utilizes a **High-Frequency Switching Topology**. Unlike traditional linear power supplies, it uses a switching transistor to achieve high efficiency and a compact form factor.
| Component Group | Key Electronic Parts | Function |
|:---|:---|:---|
| **Input Stage** | Bridge Rectifier, NTC Thermistor, EMI Filter | Converts AC to DC and suppresses electrical noise/surge. |
| **Switching Stage** | MOSFET / Power Transistor | Switches the DC voltage at high frequencies (typically 50-100kHz). |
| **Transformer** | Ferrite Core High-Frequency Transformer | Provides galvanic isolation and steps down voltage. |
| **Output Stage** | Schottky Diodes, Electrolytic Capacitors | Rectifies the high-frequency AC back to stable DC. |
| **Control Logic** | PWM IC (Pulse Width Modulation) | Regulates output by adjusting the duty cycle based on feedback. |
---
## 2. Technical Specifications
The "50" in the name represents its **50-watt** total power rating. It is unique because it provides three independent output channels from a single source.
### Electrical Characteristics
* **Input Voltage Range:** 85 ~ 264VAC (Universal Input)
* **Efficiency:** Typically 72% to 78%
* **Protections:** Short circuit, Overload, and Overvoltage
* **Isolation:** 3000VAC Input to Output
### Common Output Configurations
The NET-50 series (e.g., NET-50A, B, C, D) offers different voltage combinations:
| Model | Output 1 (CH1) | Output 2 (CH2) | Output 3 (CH3) |
|:---|:---|:---|:---|
| **NET-50A** | +5V / 5.0A | +12V / 2.0A | -5V / 0.5A |
| **NET-50B** | +5V / 5.0A | +12V / 2.0A | -12V / 0.5A |
| **NET-50C** | +5V / 5.0A | +15V / 1.5A | -15V / 0.5A |
| **NET-50D** | +5V / 5.0A | +24V / 1.0A | +12V / 0.5A |
---
## 3. Critical Electronic Design Features
### PWM Regulation
The device uses a **PWM controller** (often from the UC384x family or similar proprietary chips). This chip monitors the +5V rail primarily to maintain regulation. Because it is a multi-output supply, the secondary rails (+12V, -12V, etc.) are "cross-regulated," meaning their stability depends partially on the load applied to the main +5V rail.
### Protection Circuitry
1. **Hiccup Mode:** In case of a short circuit, the supply enters "hiccup mode," pulsing the power until the fault is removed to prevent the MOSFET from overheating.
2. **Filtering:** It includes a **Pi-Filter** (Inductor and two Capacitors) on the output stages to reduce ripple and noise, which is crucial for sensitive electronics.
---
## 4. Maintenance and Failure Points
If a NET-50 unit fails, the following electronic parts are the most common culprits:
* **Electrolytic Capacitors:** Often dry out over 5-10 years, leading to high ripple or failure to start.
* **Startup Resistor:** A high-value resistor that provides initial power to the PWM IC; if it opens, the unit will appear "dead."
* **MOSFET:** Can blow due to input surges if the MOV (Metal Oxide Varistor) fails to protect it.
- ⤷
What is the difference between the NET-50 and the MET-50 series?
- ⤷ How does cross-regulation affect the voltage stability of the secondary rails?
- ⤷ Can the NET-50 be used in parallel to increase total wattage?