Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

  • NET-50B

  • AI
    The **NET-50B** is a standard 50W multi-output (triple output) AC/DC switching power supply commonly used in industrial automation, telecommunications, and networking equipment. It is manufactured by Mean Well and other similar industrial power supply companies. --- ## 1. Technical Specifications The NET-50B is characterized by its ability to provide three different voltage rails from a single AC input. | Parameter | Specification | | :--- | :--- | | **Total Rated Power** | 50 Watts | | **Input Voltage Range** | 85 ~ 264 VAC (Universal) or 120 ~ 370 VDC | | **Output CH1** | +5V @ 0.6 ~ 5.0A | | **Output CH2** | +12V @ 0.2 ~ 2.0A | | **Output CH3** | -12V @ 0.1 ~ 0.5A | | **Efficiency** | ~72% | | **Cooling** | Free air convection | --- ## 2. Key Electronic Components The internal architecture of the NET-50B consists of several critical stages: ### A. Input Filter & Rectification * **EMI Filter:** Includes X and Y capacitors and a common mode choke to suppress electromagnetic interference. * **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage. * **Bulk Capacitor:** Large electrolytic capacitor (usually rated for 400V-450V) that smooths the rectified DC. ### B. Switching & Control * **PWM Controller IC:** The "brain" that regulates the duty cycle to maintain stable output voltages despite load changes. * **Power MOSFET:** A high-speed transistor that "switches" the DC voltage into the primary winding of the transformer at high frequencies (typically 50-100kHz). ### C. Isolation & Output * **Switching Transformer:** Provides galvanic isolation between the high-voltage AC side and the low-voltage DC side. It has multiple secondary windings for the +5V, +12V, and -12V rails. * **Schottky Rectifiers:** High-speed diodes on the secondary side that convert the high-frequency AC back into DC. * **Filtering Inductors & Capacitors:** Low-ESR electrolytic capacitors used to minimize output ripple and noise. --- ## 3. Protection Circuitry The NET-50B includes built-in electronic safeguards to prevent damage to the connected hardware: 1. **Overload Protection:** Typically triggers at 110% - 150% of rated output power using a "hiccup mode" (recovers automatically after the fault is removed). 2. **Overvoltage Protection:** Specifically monitors the 5V rail (usually shutting down if it hits 5.75V - 6.75V) to protect sensitive logic circuits. 3. **Short Circuit Protection:** Protects the internal components if any output rail is shorted to ground. --- ## 4. Connection Pinout The device usually utilizes a terminal block with the following labels: | Terminal | Function | | :--- | :--- | | **L** | AC Line (Hot) | | **N** | AC Neutral | | **FG** | Frame Ground | | **V1** | +5V Output | | **V2** | +12V Output | | **V3** | -12V Output | | **COM** | Common Ground (Return) |
    ✨ Follow-up Questions
    • ⤷ What are the main differences between the NET-50B and the NET-50C models?
    • ⤷ How do I calculate the total power consumption if I use all three output rails simultaneously?
    • ⤷ What are the common failure symptoms of a NET-50B power supply?