NET-50C
AI

The **NET-50C** is a triple-output, 50W AC/DC switching power supply manufactured by Mean Well. It is widely used in industrial automation, telecommunications, and networking equipment due to its compact size and high reliability.
---
### 1. Key Technical Specifications
The NET-50C is designed to convert universal AC input into three distinct DC voltage rails to power different parts of an electronic system (e.g., logic circuits, sensors, and motors).
| Parameter | Specification |
| :--- | :--- |
| **Total Rated Power** | 50 Watts |
| **Input Voltage Range** | 85 ~ 264 VAC / 120 ~ 370 VDC |
| **Output 1 (V1)** | +5V DC / 0.5A to 5.0A |
| **Output 2 (V2)** | +15V DC / 0.1A to 1.5A |
| **Output 3 (V3)** | -15V DC / 0.1A to 0.5A |
| **Efficiency** | 72% (Typical) |
| **Cooling** | Free air convection |
---
### 2. Electronic Protection Features
The internal circuitry includes several safety mechanisms to protect both the power supply and the connected load:
* **Overload Protection:** Usually triggers at 110% - 150% of rated output power. It uses a "hiccup mode" that recovers automatically after the fault condition is removed.
* **Overvoltage Protection:** Specifically monitors the +5V rail (CH1). If the voltage exceeds approximately 5.75V - 6.75V, the unit shuts down to prevent frying sensitive logic chips.
* **Short Circuit Protection:** Protects the components from damage if the output wires are crossed.
---
### 3. Physical Layout & Components
The device is built on an open-frame or partially enclosed metal chassis. Significant internal electronic parts include:
1. **Input Filter (EMI Filter):** A combination of capacitors and inductors to prevent electromagnetic interference from leaking back into the power grid.
2. **Bridge Rectifier:** Converts the incoming AC sine wave into a pulsating DC voltage.
3. **Electrolytic Capacitors:** Large bulk capacitors (high voltage) used for smoothing the rectified DC and filtering the output rails.
4. **Switching Transformer:** The core component that provides galvanic isolation and steps down the high-voltage DC to the required lower voltages.
5. **PWM Controller IC:** The "brain" that regulates the switching frequency to maintain stable output voltages despite fluctuations in load or input.
---
### 4. Wiring and Pin Assignment
The terminal block is usually labeled as follows:
| Pin No. | Assignment | Description |
| :--- | :--- | :--- |
| 1 | AC/L | AC Line (Hot) |
| 2 | AC/N | AC Neutral |
| 3 | FG | Frame Ground (Safety Earth) |
| 4 | V3 | -15V Output |
| 5 | V2 | +15V Output |
| 6 | COM | Common Ground (Return) |
| 7 | V1 | +5V Output |
---
- ⤷
What are the cooling requirements for the NET-50C in an enclosed cabinet?
- ⤷ How does the 'Hiccup Mode' work during an overload event?
- ⤷ Can the output voltages be adjusted manually using a potentiometer?